Electronic Components Datasheet Search
  English  ▼

X  

SM8213 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM8213
Description  POCSAG Decoder For Multiframe Pagers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8213 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM8213 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
SM8213AM
NIPPON PRECISION CIRCUITS—3
PIN DESCRIPTION
SM8213AM Paging Receiver Block Diagram
Number
Name
I/O1
Description
1
BS1
O
RF control main output signal
2
BS2
O
RF DC-level adjustment signal
3
BS3
O
PLL setup signal
4
SIGNAL
I
NRZ signal input pin
5
XVSS
–
Crystal oscillator ground. Capacitor connected between XVSS and VDD
6
XT
I
Oscillator input pin
7
XTN
O
Oscillator output pin
8
VSS
–
Ground
9
CLKO
O
76.8 or 38.4 kHz clock output
10
RSTN
I
Hardware clear (reset)
11
AREA
O
Sync code detection output (HIGH for minimum 1 sec. on detection)
12
SCK
I
CPU-to-decoder data transfer sync clock
13
SDO
O
Status and received data output to CPU
14
SDI
I
Data input from CPU (including ID data)
15
ATTN
O
Interrupt detect signal output pin (Ready for data transmission when LOW)
16
VDD
–
Supply voltage
1. I = input, O = output
RF
Waveform
Recovery
POCSAG
Decoder
SP
Melody
IC
PLL Circuit
CPU Unit
ID
ROM
D/D Converter
LCD Driver
LCD
Supply Unit
SM8213
Alert



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com