Electronic Components Datasheet Search
  English  ▼

X  

AS1138 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AS1138
Description  30W PoE PD and DC-DC Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1138 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AS1138 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 10Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 11Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 12Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 13Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 14Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
AS1138
Akros Silicon, Inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
www.AkrosSilicon.com
13
Figure 21 - 5V 30W Load Regulation
Figure 22 - 5V 30W Line Regulation
Figure 23 - 12V 30W DC-DC Efficiency vs. Load
Figure 24 - 12V 30W End-End Efficiency vs. Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com