Electronic Components Datasheet Search
  English  ▼

X  

AS1138 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AS1138
Description  30W PoE PD and DC-DC Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1138 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AS1138 Datasheet HTML 17Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 18Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 19Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 20Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 21Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 22Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 23Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 24Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
AS1138
Akros Silicon, Inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
www.AkrosSilicon.com
21
PD
CONTROLLER
POWER
AND
THERMAL PROTECTION
The AS1138 provides the following PD controller power and
thermal protection:
Under Voltage Lock Out (UVLO)
Inrush Current Limit with integrated current sense
Thermal Limit / Protection
Under Voltage Lock Out (UVLO)
The AS1138 contains line Under-Voltage Lock Out (UVLO)
circuitry to determine when to power on the PD. If the PSE
supply voltage at PD PI is equal or greater than UVLO
VIN_RISING, the AS1138 PD will power on and run; if the PSE
supply voltage at PD PI drops below UVLO VIN_FALLING, the
AS1138 PD will power off. The PD circuit controls power
flow to the DC-DC controller, to protect the PD from erratic
operation or damage.
Inrush Current Limit / Current Sense
Inrush limiting maintains the cable voltage above the turn-
off threshold as the input capacitor charges. This also
prevents the PSE from going into current limit mode. The
Current Limit/Current Sense circuitry also minimizes the PD
on-chip temperature peaks by limiting both inrush and
operating current.
Current is monitored with an integrated sense circuit that
regulates the gate voltage on an integrated low-leakage
power MOSFET. The power MOSFET can also be shut off
completely by either the PD Controller, the Thermal Limit
Protection circuitry or the insertion of a local power adapter
that causes the LVMODE pin to be pulled high (via a
resistor divider).
During the PD startup sequence, VDS across the Hot-Swap
FET
is
momentarily
high
as
the
VDD48O
output
capacitance is charged up, as illustrated in Figure 14.
During this state, the Hot-Swap FET experiences a high
instantaneous power drop and heating. Therefore, it is
recommended that during this startup sequence, the
incoming current should only be utilized for the charging of
the VDD48O node, to minimize the startup time and
associated power drop across the FET. The primary PWM
controller is designed to accommodate for VDD48O startup
before drawing power from the line. However, if the
application requires direct use of the VDD48O node for
other functions, the startup of those circuits should be
delayed until the VDD48O node has reached its full voltage
level.
Thermal Limit / Protection
The AS1138 provides thermal protection for itself by
monitoring die temperature and reducing maximum current
or disconnecting power as needed to prevent its pre-set
thermal limits from being exceeded. Two-stage thermal
current
limiting
is
implemented,
which
reduces
the
operating current limit by 50% when the die temperature
reaches 145˚C, and disables the power MOSFET switch
above 165˚C. Normal current limits in both cases are re-
applied when the die temperature returns below 125˚C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com