Electronic Components Datasheet Search
  English  ▼

X  

AS1138 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AS1138
Description  30W PoE PD and DC-DC Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1138 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AS1138 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 9Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
AS1138
Akros Silicon, Inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
www.AkrosSilicon.com
6
Table 4 - Electrical Characteristics
Description
Min
Typical1
Max
Units
Comments
PD (all PD voltage limits specified at the RJ45 interface)
Inrush current limit (af) – Type 1
PD
50
150
200
mA
For VDD48O ≤ 16V during startup
Inrush current limit (at) – Type 2
PD
100
295
350
mA
For VDD48O ≤ 16V during startup
Operating current – Type 1
350
mA
Pin 9 (RCURR) pulled to GND; device
configured for 13W operation
Operating current – Type 2
720
mA
Pin 9 (RCURR) left open; device
configured for 30W operation
PoE current limit – Type 1 (ILIM-AF)
350
400
500
mA
Pin 9 (RCURR) pulled to GND; device
configured for 13W operation
PoE Current limit – Type 2 (ILIM-AT)
720
800
925
mA
Pin 9 (RCURR) left open; device
configured for 30W operation
Switch on resistance, RDS-ON
0.8
1
measured at 350mA input
Min Detection Signature voltage
2.7
V
Max Detection Signature voltage
10.1
12.5
13
V
Classification lower threshold
11
12.5
14.5
V
During Classification, the AS1138 sinks
current as defined Table 3.
Classification upper threshold
20.5
22
24
V
Min Mark Event voltage
6.9
V
Max Mark Event voltage
10
12.5
13
V
Mark Event current
0.25
4
mA
When the input voltage is less than
VMARK_TH Min (IEEE® 802.3at-2009)
during the Classification signature, a
Type 2 PD must draw Mark Event
current.
Classification-Mark hysteresis
1
V
Classification reset voltage
2.81
6.9
V
ATDET high (VOH)
4.7
4.9
5.1
V
Under 2mA output
ATDET low (VOL)
0.0
0.02
0.1
V
2ma input current
UVLO threshold, VIN_RISING
37
38
42
V
UVLO threshold, VIN_FALLING
30
32
34
V
DC-DC Controller
FOSC (SMPS) switching frequency
80
100
120
kHz
Rosc=178k
DC-DC Controller
operating frequency,
selected by using Rosc
(1%) resistor on FSEL
pin
200
225
250
Rosc=100k
315
350
385
Rosc=53.6k
450
500
550
Rosc=36.8k
FOSC temperature coefficient
0.12
%/C
NDRV ROUT
1.2
3
Output drive resistance
NDRV voltage
4.7
NDRV voltage follows VBN power supply
voltage
Gate drive dynamic response
NDRV TR, TF
2.2
2
nS
nS
10% - 90% with CLOAD = 1 nF
Max. NDRV duty cycle
80
%
Measured at 350kHz
Min. NDRV duty cycle
6
10
%
Measured at 350kHz
VBN
4.7
V
Internal supply voltage; sets VOH of
NDRV.
Error amplifier reference voltage
1.45
1.5
1.55
V
Compared to input of the FB pin
VPK, peak current sense threshold
voltage at CS
500
600
700
mV
IPEAK=VPK/RSENSE
Soft start ramp time
2
ms
Conditions: CSS=100nF
COMP source current
80
µA
FB = 0V, COMP=0V
COMP sink current
80
µA
FB = 5V, COMP=5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com