Electronic Components Datasheet Search
  English  ▼

X  

AS1138 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AS1138
Description  30W PoE PD and DC-DC Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1138 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AS1138 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Akros Silicon, Inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
www.AkrosSilicon.com
GENERAL DESCRIPTION
The AS1138 is a single-chip, highly integrated CMOS solution for
Power over Ethernet (PoE) Powered Devices requiring input power
of up to 30Watts.
Applications include Voice over IP (VoIP)
Phones, Wireless LAN Access Point, Security Cameras, WiMAX
Terminals, Point-of-Sales Terminals, RFID Readers, Thin Clients
and Notebook computers.
The AS1138 integrates input surge protection, a PD controller and
a low-emission DC-DC controller. The AS1138 implements all of
the physical layer Powered Device (PD) functionality, as required
by IEEE® 802.3af-2005 and IEEE® 802.3at-2009 standards. This
includes 2-event classification, Type 2 PSE detection indicator
(ATDET), PD detection, under-voltage lock out (UVLO), and Hot-
Swap FET integration.
The AS1138 has been architected to address both EM emission
concerns and surge/over-voltage protection in PoE applications.
The chip implements many design features that minimize
transmission of system common-mode noise onto the Unshielded
Twisted Pair (UTP). On-chip integration of surge protection
provides faster response to surge events and limits stray surge
current from passing through sensitive circuits, such as the
Ethernet PHY. The device is designed to provide safe, low-
impedance discharge paths directly to the earth ground, resulting
in superior reliability and circuit protection.
TYPICAL APPLICATIONS
Pan, tilt and zoom (PTZ), security and web cameras
Voice over IP (VoIP) phones
Wireless LAN access points, WiMAX terminals
Point-of-sale (PoS) terminals, RFID terminals
Thin clients and notebook computers
Fiber-to-the-home (FTTH) terminals
SIMPLIFIED APPLICATION DIAGRAM
FEATURES
Full support of both IEEE® Std. 802.3af-2005 and IEEE®
Std. 802.3at-2009 power requirements
“2-Event” classification for 802.3at higher power PDs
Robust Type 2 PSE detector with proprietary digital filtering
for line noise to eliminate false positives
IEC 61000-4-2/3/4/5/6 requirements for EMC Compliance
Integrated Surge Protection for 15kV/8kV System level ESD
Compliance
Integrated DC-DC controller for exceptional EMI performance
Programmable DC current limit up to 720mA for 30W
applications
Seamless support for local power, down to 9.5V
Implemented in robust 100V automotive process
Low Rds-on Hot-Swap FET (typical 0.8 )
Integrated Short-Circuit Protection
Over temperature protection
Industrial temperature range, -40º to +85ºC
5x5 mm, 20 lead QFN Package, RoHS compliant
AS1138 — 30W PoE PD and DC-DC Controller


Similar Part No. - AS1138

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
AS113-110-1 ATM-AS113-110-1 Datasheet
91Kb / 1P
OUTLINE, DUAL CONCENTRIC ROTARY STEP ATTENUATOR
AS113-50-1 ATM-AS113-50-1 Datasheet
91Kb / 1P
OUTLINE, DUAL CONCENTRIC ROTARY STEP ATTENUATOR
AS113-XXX-1 ATM-AS113-XXX-1 Datasheet
91Kb / 1P
OUTLINE, DUAL CONCENTRIC ROTARY STEP ATTENUATOR
logo
ams AG
AS1130 AMSCO-AS1130 Datasheet
5Mb / 39P
132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
AS1130 AMSCO-AS1130 Datasheet
1Mb / 66P
132-LED Cross-Plexing Driver with Scrolling Function
2016-Oct-12
More results

Similar Description - AS1138

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1080 ONSEMI-NCP1080 Datasheet
207Kb / 14P
Integrated PoE-PD & DC-DC Converter Controller
September, 2008 ??Rev. 4
NCP1081 ONSEMI-NCP1081 Datasheet
239Kb / 17P
Integrated High Power PoE-PD Interface & DC-DC Converter Controller
September, 2008 ??Rev. 4
logo
Texas Instruments
TPS23785B TI-TPS23785B Datasheet
1Mb / 47P
High-Power, High-Efficiency PoE PD and DC-to-DC Controller
logo
ON Semiconductor
NCP1080 ONSEMI-NCP1080_13 Datasheet
227Kb / 15P
Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 7
NCP1082 ONSEMI-NCP1082_13 Datasheet
220Kb / 17P
Integrated PoE-PD & DC-DC Converter Controller
May, 2013 ??Rev. 3
NCP1083 ONSEMI-NCP1083_13 Datasheet
263Kb / 18P
Integrated High Power PoE-PD Interface & DC-DC Converter Controller
May, 2013 ??Rev. 3
logo
Texas Instruments
TPS23755 TI1-TPS23755 Datasheet
3Mb / 43P
IEEE 802.3at PoE PD with No-Opto Flyback DC-DC Controller
logo
Bourns Electronic Solut...
POE-EP BOURNS-POE-EP Datasheet
1,007Kb / 8P
POE-EP & POE-PD Series - PoE DC/DC Transformers
Mar 31, 2015
logo
Kinetic Technologies.
KTA1136 KINETIC-KTA1136 Datasheet
1Mb / 22P
IEEE 802.3af PoE PD with Integrated DC-DC Controller and 13W Power FET
January 2021 - Revision 04a
KTA1137A KINETIC-KTA1137A Datasheet
980Kb / 22P
IEEE 802.3at PoE PD with Integrated DC-DC Controller
November 2019 - Revision 04a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com