Electronic Components Datasheet Search
  English  ▼

X  

AS1138 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AS1138
Description  30W PoE PD and DC-DC Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1138 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AS1138 Datasheet HTML 1Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 2Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 3Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 4Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 5Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 6Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 7Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 8Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
AS1138
Akros Silicon, Inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
www.AkrosSilicon.com
4
PIN ASSIGNMENTS AND DESCRIPTIONS
Figure 1 - AS1138 Pin Diagram
Table 1 - Pin Assignments
Pin
I/O
Name
Description
1
-
nc
No Connect
2
P
VDD48O
Switched 48V supply output
3
-
nc
No Connect
4
P
VDD48I
48 V positive bus pin, fed by the output of the external diode bridge. This bus requires the
connection of a detection signature capacitor and resistor. Refer to Detection Mode section.
5
A
GND
Must be connected to paddle ground (GND)
6
A
GND
Must be connected to paddle ground (GND)
7
A
GND
Must be connected to paddle ground (GND)
8
O
VDD5
Internal 5 volts bus decoupling point
9
A
RCURR
Current limit pin. Connection to paddle ground sets the current limit to ILIM-AF (for 13W
applications). Open circuit sets the current limit to ILIM-AT (for 30W applications).
10
A
RCLASS
Classification resistor connection
11
A
LVMODE
Local Voltage Mode. When pulled high, LVMODE opens the internal FET switch and keeps
the DC-DC controller active. This is a current-mode input pin. It should be pulled to GND
when not in use.
12
A
FB
DC-DC Controller feedback point
13
A
COMP
DC-DC Controller error amplifier compensation network connection
14
A
CSS
DC-DC Controller soft-start capacitor connection point (required).
15
A
CS
DC-DC Controller peak-current sense input (low side)
16
O
NDRV
DC-DC Controller N-MOSFET gate drive
17
O
VBN
DC-DC Controller low-side supply decoupling
18
I
FSEL
Frequency Select. This pin sets the switching frequency of the DC-DC converter.
19
O
ATDET
IEEE® 802.3at-2009 PSE detects. High level output indicates availability of higher system
power, either via connection to a Type 2 PSE, or via a local power supply.
20
-
nc
No Connect
Paddle
P
GND
Local analog ground. This is the negative output from the external diode bridge and is not
isolated from the line input.
Key:
I = Input
O = Output
A = Analog signal
P = Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com