Electronic Components Datasheet Search
  English  ▼

X  

AS1138 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # AS1138
Description  30W PoE PD and DC-DC Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1138 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button AS1138 Datasheet HTML 15Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 16Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 17Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 18Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 19Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 20Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 21Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 22Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
AS1138
Akros Silicon, Inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
www.AkrosSilicon.com
19
High, indicating connection to a Type 2 PSE. If the PD
controller
detects
only
single-event
classification,
it
identifies the PSE to be Type 1 and the ATDET pin is
asserted low.
In real applications, noise or transient ringing on the line
during classification phase can lead to false 2-event
classification or Type 2 PSE detection. To prevent such
false positives, the AS1138 integrates a proprietary digital
filter to filter out noise events as long as 100uS during the
classification phase, ensuring a very reliable AT Detection.
If a PSE is Type 1, to classify the AS1138, the Type 1 PSE
presents a voltage between 14.5V and 20.5V to the PD and
determines its class by measuring the resulting PD load
current.
If a PSE is Type 2, in order to classify the AS1138 as the
Type 2 PD, AS1138 has to be set as Class 4 (classification
setting shown in Table 3), so that AS1138 returns a Class 4
signature.
The AS1138 allows the user to program the classification
current via an external resistor connected to the RCLASS
pin. Current, power levels and programming resistor values
for each class are shown in Table 3. Note that for Class 0,
Rclass pin needs to be Pulled Up to VDD5 pin. This can be
a direct short to VDD5 or using a resistor up to 100k .
Use the following equation to determine the typical
classification current:
]
[
2360
0
.
2
]
[
Ω
+
=
k
R
mA
I
CLASS
CLASS
Tolerance = Maximum of ±1.8mA or ±9%
RCLASS > 63.4k
Once the classification process is done, the PD removes
the classification current to conserve power.
Note: During the classification of a Type 2 PD, the PSE
outputs a sequence of voltage signals (Class 1, Mark 1,
Class 2, Mark 2, and Class 3) within the specific timing
requirement. The PD has to respond within the limit range
of voltage/current/impedance for each event according to
section 33.3.5 PD Classifications of 802.3at standard.
Table 7 - Classification Settings
Class
Power (W)
ICLASS (mA)
RCLASS (k )
0
0.44-12.95
0-4 mA
Pull-up (0-100k ) to
VDD5 pin
1
0.44-3.84
9-12 mA
280k , 1%
2
3.84-6.49
17-20 mA
143k , 1%
3
6.49-12.95
26-30 mA
90.9k , 1%
4
12.96-25.5
36-44 mA
63.4k , 1%
/
D
After the classification process, the PD enters Idle mode
while it waits for On-state power delivery from the PSE. PD
Current usage is limited to monitoring circuitry to detect the
On-state voltage threshold.
K
^
In the On state, the AS1138 is supplying power across the
Ethernet line(s) to the PD. At a voltage at or below 42V, the
PD turns on and full power is available via the AS1138 DC-
DC Controller.
Local Power Mode (LVMODE)
The LVMODE pin can be used in applications where the
PD appliance is designed to draw power from either the
Ethernet cable or an external DC local power adapter. The
LVMODE pin is a current-mode input pin, with low and high
thresholds as defined in the parametric tables (see Error!
Reference source not found.
). The LVMODE is asserted
when the input current exceeds the IIH threshold, and is de-
asserted when the input current is below the IIL threshold. If
LVMODE operation is not desired, the LVMODE pin should
be connected to GND.
Figure 30 below shows a simplified internal implementation
and external application circuit required to use the
LVMODE feature. When power is applied at the local
adapter input, the AS1138 enters Local Voltage Mode. This
opens the internal Hot-Swap FET switch while the DC-DC
converter is in operation.
In this configuration, local power always takes priority, even
in presence of PoE power, irrespective of their relative
voltages. If local power is removed, the device will exit
Local Voltage Mode operation and PoE power will be used,
if available.
Figure 29 - LVMODE Implementation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com