Electronic Components Datasheet Search
  English  ▼

X  

AS1138 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # AS1138
Description  30W PoE PD and DC-DC Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS1138 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button AS1138 Datasheet HTML 22Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 23Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 24Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 25Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 26Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 27Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 28Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 29Page - List of Unclassifed Manufacturers AS1138 Datasheet HTML 30Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
AS1138
Akros Silicon, Inc.
6399 San Ignacio Avenue, Suite 250, San Jose, CA 95119 USA
408.746.9000
www.AkrosSilicon.com
27
THERMAL
DE-RATING
AND
BOARD
LAYOUT CONSIDERATIONS
The AS1138 is capable of operating to an industrial
temperature range of 85 ºC in ambient air, without forced
cooling. A thermal pad on the underside of the package
dissipates the heat generated by the PD die.
In 30W applications, designers must consider thermal
dissipation as an integral part of their system architecture
and plan to remove heat via this pad.
If the PCB landing pattern is properly designed, the QFN
package
should
exhibit
a
thermal
resistance
of
ΘJA
=31°C/W. For adequate heat dissipation, the board
layout must include a ground pad which provides both the
ground
connection
and
dissipates
the
heat
energy
produced in the chip. Thermal vias are used to draw heat
away from the PD package and to transfer it to the
backside of the system PCB.
The recommended PCB layout for the AS1138 is shown in
Figure 33 below:
Figure 33 - AS1138 PCB Footprint (Top View)
Thermal Vias
0.31 mm dia.
1.27 mm pitch
9 places
3.80 mm
3.80 mm
0.65 mm
0.4
mm
0.5 mm
0.3 mm
Pin 1
Pin 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com