Electronic Components Datasheet Search
  English  ▼

X  

AP4203 Datasheet(PDF) 21 Page - Asahi Kasei Microsystems

Part # AP4203
Description  15ch 100mA LED Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4203 Datasheet(HTML) 21 Page - Asahi Kasei Microsystems

Back Button AP4203 Datasheet HTML 17Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 18Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 19Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 20Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 21Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 22Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 23Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 24Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 25Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
[AP4203]
015008158-E-00
- 21 -
2015/09
10.4. LED Current Setting (fixed current output)
LED current can be adjusted from 5mA to 50mA with an external resistor which is connected between the
ISET pin and GND. Since the ISET pin is easily affected by a noise, RISET layout should take a shortest
connection to avoid unstableness LED current. The ISET_R pin is used to set LEDR4~8 current, the ISET_G
pin used to set LEDG4~8 current and the ISET_B pin used to set LEDB4 ~ 8 current. An approximate formula
of ILED, that is LED current, and RISET resistor, which is connected to the ISET pin, and a relationship table
between ILED and RISET are shown below. Please confirm actual values on your board when setting.
 
)
k
(
R
1000
)
mA
(
ILED
ISET
Table 10. Combination of ILED and RISET
RISET_R (kΩ)
RISET_G (kΩ)
RISET_B (kΩ)
ILEDRx (mA)
ILEDGx (mA)
ILEDBx (mA)
RISET_R (kΩ)
RISET_G (kΩ)
RISET_B (kΩ)
ILEDRx (mA)
ILEDGx (mA)
ILEDBx (mA)
200.0
5.0
35.7
28.0
166.7
6.0
34.5
29.0
142.9
7.0
33.3
30.0
125.0
8.0
32.3
31.0
111.1
9.0
31.3
32.0
100.0
10.0
30.3
33.0
90.9
11.0
29.4
34.0
83.3
12.0
28.6
35.0
76.9
13.0
27.8
36.0
71.4
14.0
27.0
37.0
66.7
15.0
26.3
38.0
62.5
16.0
25.6
39.0
58.8
17.0
25.0
40.0
55.6
18.0
24.4
41.0
52.6
19.0
23.8
42.0
50.0
20.0
23.3
43.0
47.6
21.0
22.7
44.0
45.5
22.0
22.2
45.0
43.5
23.0
21.7
46.0
41.7
24.0
21.3
47.0
40.0
25.0
20.8
48.0
38.5
26.0
20.4
49.0
37.0
27.0
20.0
50.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com