Electronic Components Datasheet Search
  English  ▼

X  

AP4203 Datasheet(PDF) 17 Page - Asahi Kasei Microsystems

Part # AP4203
Description  15ch 100mA LED Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4203 Datasheet(HTML) 17 Page - Asahi Kasei Microsystems

Back Button AP4203 Datasheet HTML 13Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 14Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 15Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 16Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 17Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 18Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 19Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 20Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 21Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
[AP4203]
015008158-E-00
- 17 -
2015/09
SCK
TxD
RW=0,ALL=1,RST=0,ch3~ch0=任意 の場合
CSB
0
0
1
0
A4
A3
A2
A1
A0
RW ALL RST ch3 ch2 ch1 ch0
1
16
2
3
4
5
6
7
8
9
10
11
12
13
14
15
SCK
TxD
33
48
42
43
44
45
46
47
34
35
36
37
38
39
40
41
SCK
TxD
121
136
130
131
132
133
134
135
122
123
124
125
126
127
128
129
CSB
SCK
TxD
17
32
26
27
28
29
30
31
18
19
20
21
22
23
24
25
RxD
Hi-Z
RxD
R8D5
R8D4
R8D3
R8D2
R8D1
R8D0
G8D7
G8D6
G8D5
G8D4
G8D3
G8D2
G8D1
G8D0
R8D7
R8D6
RxD
B8D5
B8D4
B8D3
B8D2
B8D1
B8D0
R7D7
R7D6
R7D5
R7D4
R7D3
R7D2
R7D1
R7D0
B8D7
B8D6
RxD
G4D5
G4D4
G4D3
G4D2
G4D1
G4D0
B4D7
B4D6
B4D5
B4D4
B4D3
B4D2
B4D1
B4D0
G4D7
G4D6
RW= “0”, ALL= “1”, RST= “0”, ch3~ch0= “random”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com