Electronic Components Datasheet Search
  English  ▼

X  

AP4203 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AP4203
Description  15ch 100mA LED Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4203 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AP4203 Datasheet HTML 1Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 2Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 3Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 4Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 5Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 6Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 7Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 8Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
[AP4203]
015008158-E-00
- 1 -
2015/09
1.
General Description
The AP4203 is a 15 channel LED Driver that supports 2 types of serial interfaces (SCI serial interface or serial
F/F cascade interface) to program LED lighting. The built-in 100mA drivable power MOSFET is used to shut
off the LED current, and LEDs are controlled by a PWM method in accordance with the LED gradation data
that is programmed into the device. Constant current output and Open drain output are selectable by DRSET
setting pin. To reduce wirings in the system, voltage on anode side of LEDs can be communized. A maximum
of 32 devices can be connected on a single BUS to a common master device; furthermore, each AP4203 retains
its own programmed commands allowing continuous autonomous lighting. The internal UVLO function
prevents the LEDs from incorrect operations when the supply voltage is 4V or less. An internal over current
protection function and a thermal protection function are also integrated.
2.
Features
 Power Supply Voltage
8.0V~24.0V
4.5V~5.5V (connect VIN pin and VDC1 pin)
 Oprating Temperature
0 ~ 70C
 Absolute Maximum Voltage
30V (VIN, LEDR4~8, LEDG4~8, LEDB4~8)
 2 Types of Serial Interface for Setting Lighting Data
- 4-wire SCI interface
(maximum communication clock: 5MHz)
- Serial-F/F cascade
(maximum communication clock: 10MHz)
- Applicable to both 3.3V and 5.0V input signal (output is fixed to 5.0V)
 LED Current
maximum 100mA/ch
- Constant Current Output 50mA/ch
- Open Drain Output 100mA/ch
(Each channel current is less than the value when 15 channels are set simultaneously)
 LED Gradation
8-bit PWM gradation method (256 gradation)
 Built-in PWM Generator, Adjustable PWM Period
 Simultaneous lighting-off function (SCI interface)
 Protection Function
- Under voltage lock our (UVLO)
- Over current protection (timer latch recovery type)
- Thermal shutdown (automatic recovery)
 Package
48-pin LQFP
 Application
A LED loading machine for the decoration
15ch 100mA LED Driver IC
AP4203


Similar Part No. - AP4203

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP4201 AKM-AP4201 Datasheet
858Kb / 27P
27ch 100mA LED Driver IC
AP4202 AKM-AP4202 Datasheet
1Mb / 28P
100mA 9ch LED
logo
A POWER MICROELECTRONIC...
AP420N03SLG5 APME-AP420N03SLG5 Datasheet
766Kb / 7P
30V N-Channel Enhancement Mode MOSFET
REV1.0
AP420N04T6 APME-AP420N04T6 Datasheet
842Kb / 7P
40V N-Channel Enhancement Mode MOSFET
AP420N04TLG5 APME-AP420N04TLG5 Datasheet
806Kb / 7P
40V N-Channel Enhancement Mode MOSFET
More results

Similar Description - AP4203

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6955 PTC-PT6955 Datasheet
25Kb / 3P
LED Driver IC
PT6964 PTC-PT6964 Datasheet
317Kb / 5P
LED Driver IC
PT6955 PTC-PT6955_10 Datasheet
586Kb / 19P
LED Driver IC
PT6961 PTC-PT6961 Datasheet
577Kb / 18P
LED Driver IC
logo
Sanyo Semicon Device
LV5027M SANYO-LV5027M Datasheet
93Kb / 5P
LED Driver IC
logo
AIMTEC
AMLB-IZ AIMTEC-AMLB-IZ Datasheet
331Kb / 3P
100mA | LED Driver
logo
Linear Technology
LT3760 LINER-LT3760_15 Datasheet
429Kb / 32P
8-Channel 100mA LED Driver
logo
Asahi Kasei Microsystem...
AP4201 AKM-AP4201 Datasheet
858Kb / 27P
27ch 100mA LED Driver IC
logo
IK Semicon Co., Ltd
IK2108A IKSEMICON-IK2108A Datasheet
547Kb / 21P
LED Driver IC
logo
AIMTEC
AMLB-IZ AIMTEC-AMLB-IZ_16 Datasheet
160Kb / 3P
100mA | LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com