Electronic Components Datasheet Search
  English  ▼

X  

AP4203 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AP4203
Description  15ch 100mA LED Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4203 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AP4203 Datasheet HTML 1Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 2Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 3Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 4Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 5Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 6Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 7Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 8Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
[AP4203]
015008158-E-00
- 5 -
2015/09
■ Function
No.
Name
Equivalent circuit
Explanation
1
A3/CLRB
VDC1
VDC1
IC address input pin 3 (built in 100kohm pull-up resistor).
Configure by connecting to GND or open.
CLRB input pin used for serial F/F.
Data clear pin used for shift register.
2
A4/ENB
VDC1
VDC1
IC address input pin 4 (built in 100kohm pull-up resistor).
Configure by connecting to GND or open.
ENB input pin used for serial F/F.
Control the shift resister data which reflect to PWM data or
not.
3
CSB/LAT
VDC1
Strobe signal input pin for SCI.
Respective orders are accepted when the CSB terminal goes
“L” level. The CSB terminal always needs to be “L” level
while commands are entered or data are transferred. If the CSB
pin goes “H” level when data are transferred, the commands
are disregarded.
LAT signal input pin used for serial F/F.
Input LAT signal for shift register.
4
SCK/CLK
VDC1
Clock signal input for SCI.
Writing data is entered from the TxD pin at the SCK rising
edge, reading data is output to RxD pin at the SCK falling
edge. It is not always necessary to supply a clock signal to the
SCK pin.
CLK signal input pin used for serial F/F.
CLK signal for shift register.
5
TxD/SI
VDC1
Data signal input pin.
To input commands, writing data.
SI input pin for serial F/F.
To input data signal of shift register.
Input to F/F which determine LEDB0 lighting data.
6
RxD/SO
VDC1
Data signal output pin for SCI.
To output reading data.
Outputs Hi-Z except when data is output.
SO output pin for serial F/F.
To output data signal of shift register.
Output from F/F which determine LEDR8 lighting data.
7
DRSET
VDC1
VDC1
Switching pin which can switch to driver output current source
or open drain (100kohm pull up)
Connect to GND or set to open.
If connect to GND, it can work as open drain mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com