Electronic Components Datasheet Search
  English  ▼

X  

AP4203 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AP4203
Description  15ch 100mA LED Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4203 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AP4203 Datasheet HTML 1Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 2Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 3Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 4Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 5Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 6Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 7Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 8Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
[AP4203]
015008158-E-00
- 4 -
2015/09
5.
Ordering Guide
AP4203
0°C~70°C
48-pin LQFP
6.
Pin Configurations and Functions
■ Pin Layout
13:VIN
14:ISET_R
15:ISET_G
16:ISET_B
17:LEDR8
18:LEDG8
19:LEDB8
20:LEDR7
21:LEDG7
22:LEDB7
23:LEDR6
24:LEDG6
48:A2
47:A1
46:A0
45:NC
44:NC
43:NC
42:NC
41:NC
40:NC
39:NC
38:NC
37:NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com