Electronic Components Datasheet Search
  English  ▼

X  

AP4203 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AP4203
Description  15ch 100mA LED Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4203 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AP4203 Datasheet HTML 1Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 2Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 3Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 4Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 5Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 6Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 7Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 8Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
[AP4203]
015008158-E-00
- 3 -
2015/09
4.
Block Diagram and Functions
■ Block Diagram
UVLO
LDO1
5.0V
VIN
VDC1
THERMAL
SHUTDOWN
VREF
LEDR4
IREF
POR
1.4MHz
OSC
2-bit
DIVIDER
8-bit
COUNTER
120-bit
REGISTER
CONTROL
LOGIC
SCI
INTERFACE
PWM
GENERATOR 12
PWM
GENERATOR 0
PWM
GENERATOR 0
PWM
GENERATOR 26
CSB/LAT
SCK/CLK
TxD/SI
RxD/SO
5.0V
LEDG4
LEDB7
15
EN
EN
TSD
A0
A1
A2
A3/CLRB
GND
PGND
A4/ENB
SCIFEN
SCIEN
ISET_R
VDC
LOW SIDE
CURRENT
SINK
Constant Current
or
Open Drain
1.0V
LEDB4
LEDR5
LEDG5
LEDB5
ISET_G
ISET_B
5.0V
DRSET
DRSET
1.0
mF
1.0
mF
RISET_R
RISET_G
RISET_B
PWMSET
PWM
PWM
VDC2
1.0
mF
1.8V
LDO2
VIN
Figure 1.Block Diagram
■ Function
No
Block
Function
1
SCI
INTERFACE
In case of SCI: hold the setting data of the PWM gradation.
In case of serial F/F: hold the PWM gradation data.
2
CONTROL
LOGIC
Detect SCI instruction, control the operation mode.
3
“120-bit”
REGISTER
Hold the 8-bit PWM gradation data of LEDR4~8, LEDG4~8 and LEDB4~8.
4
PWM
GENERATOR
Compare PWM gradation with counter and generate PWM wave.
5
1.4MHz OSC
Generate 1.4MHz clock.
6
“2-bit” DIVIDER Divide 1.4MHz clcok to 256 gradation clock.
7 “8-bit” COUNTER Count with the 256 gradation clock within PWM period.
8
UVLO
Generate reset signal for preventing unstable operating when input power voltage
decreased.
9
LDO1
Generate an internal 5 voltage. It can supply less than 30mA for driving external
circuit.
10
LDO2
Generate an internal 1.8 voltage. Driving external circuit is forbidden.
11
VREF
Generate a reference voltage.
12
IREF
Generate a reference current.
13
POR
Generate reset signal at power start up.
14
LOW SIDE
CURRENT SINK
LED output driver which can set to current source or open drain output.
Over current protection circuit is built in.
15
THERMAL
SHUTDOWN
Shut down the LED current and set the VDC1,VDC2 pins to 0 voltage when internal
temperature is more than setting value.
LEDB8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com