Electronic Components Datasheet Search
  English  ▼

X  

AP4203 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AP4203
Description  15ch 100mA LED Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4203 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AP4203 Datasheet HTML 2Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 3Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 4Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 5Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 6Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 7Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 8Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 9Page - Asahi Kasei Microsystems AP4203 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
[AP4203]
015008158-E-00
- 6 -
2015/09
No.
Name
Equivalent circuit
Explanation
8
SCIEN
VDC1
VDC1
Enable pin for serial interface. (100kohm pull up)
Connect to GND or set to open.
If connect to GND, it can work as serial F/F control mode.
If open this pin, it can work as SCI control mode.
9
PWMSET
VDC1
PWM period setting pin. (100kohm pull down)
Connect to VDC1 pin or set to open.
If connect to GND (or open),
PWM gradation period= low speed 546µs(typ.)
If connect to VDC1 pin,
PWM gradation period= high speed 364µs(typ.)
10
VDC2
Internal
circuit
VIN
Internal 1.8V LDO output pin.
Drive external circuit is prohibited.
Connect a 1.0µF capacitor between the VDC2 pin and GND.
11
VDC1
Internal
circuit
VIN
Internal 5V LDO output pin.
External current capability is 30mA maximum.
Connect a 1.0µF capacitor between the VDC terminal and
GND.
12
GND
-
Ground
13
VIN
VDC
IC power input pin.
Internal 5V LDO’s output and 1.8V output.
Connect a 1.0µF capacitor between the VDC terminal and
GND.
14
ISET_R
1.0V
+
-
VDC1
Current setting pin for LEDR4~8.
Connect an external resistor between this pin and GND.
15
ISET_G
Same as 14-pin
The pin which set the current of LEDG4~8. (same as 14 pin)
16
ISET_B
Same as 14-pin
The pin which set the current of LEDB4~8. (same as 14 pin)
17
LEDR8
R8 pin (connect to LED cathode).Current source/open drain
output.
Control the internal MONFET to drive LED with lighting setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com