Electronic Components Datasheet Search
  English  ▼

X  

AX88140A Datasheet(PDF) 12 Page - ASIX Electronics Corporation

Part # AX88140A
Description  Fast Ethernet MAC Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88140A Datasheet(HTML) 12 Page - ASIX Electronics Corporation

Back Button AX88140A Datasheet HTML 8Page - ASIX Electronics Corporation AX88140A Datasheet HTML 9Page - ASIX Electronics Corporation AX88140A Datasheet HTML 10Page - ASIX Electronics Corporation AX88140A Datasheet HTML 11Page - ASIX Electronics Corporation AX88140A Datasheet HTML 12Page - ASIX Electronics Corporation AX88140A Datasheet HTML 13Page - ASIX Electronics Corporation AX88140A Datasheet HTML 14Page - ASIX Electronics Corporation AX88140A Datasheet HTML 15Page - ASIX Electronics Corporation AX88140A Datasheet HTML 16Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
AX88140A
PRELIMINARY
ASIX ELECTRONICS CORPORATION
12
2.2 PCI interface group
SIGNAL
TYPE
PIN
NUMBER
FOR 160 PIN
PIN
NUMBER
FOR 144 PIN
DESCRIPTION
AD<31>
AD<30>
AD<29>
AD<28>
AD<27>
AD<26>
AD<25>
AD<24>
AD<23>
AD<22>
AD<21>
AD<20>
AD<19>
AD<18>
AD<17>
AD<16>
AD<15>
AD<14>
AD<13>
AD<12>
AD<11>
AD<10>
AD<9>
AD<8>
AD<7>
AD<6>
AD<5>
AD<4>
AD<3>
AD<2>
AD<1>
AD<0>
I/O
12,
13,
15,
16,
18,
19,
21,
22,
26,
27,
28,
29,
31,
32,
36,
37,
56,
57,
58,
60,
61,
63,
64,
66,
68,
69,
71,
72,
74,
75,
77,
78
10,
11,
13,
14,
16,
17,
19,
20,
24,
25,
26,
27,
29,
30,
34,
35,
50,
51,
52,
54,
55,
57,
58,
60,
62,
63,
65,
66,
68,
69,
71,
72
Address and data bits are multiplexed on the same pins. During the
address phase, the AD<31:0> contain a physical address (32 bits).
During, data phases, AD<31:0> contain 32 bits of data.
The AX88140A supports both read and write bursts (in master
operation only). Little and big endian byte ordering can be used.
CBE#<3>
CBE#<2>
CBE#<1>
CBE#<0>
I/O
23,
44,
54,
67
21,
38,
48,
61
BUS COMMAND and BYTE ENABLE Are multiplexed on the
same PCI pins. During the address phase of the transaction,
CBE#<3:0> Provide the BUS COMMAND. During the data phase,
CBE#<3:0> Provide the BYTE ENABLE. The BYTE ENABLE
determines which byte lines carry valid data., CBE#<0> Applies to
byte 0, and CBE#<3> Applies to byte 3.
DEVSEL#
I/O
48
42
Device select Is asserted by the target of the current bus access.
When the AX88140A is the master of the current bus access, the
target assert DEVSEL# confirming the access. It is driven by
AX88140A When AX88140A is selected as a slave.
FRAME#
I/O
45
39
The FRAME# Signal is driven by the AX88140A To indicate the
beginning and duration of an access. FRAME# Asserts to indicate
the beginning of a bus transaction. While FRAME# is asserted,
data transfers continue. When FRAME# deasserts the next data
phase is the final data phase transaction.
GNT#
I
9
7
BUS GRANT Indicates to the AX88140A That access to the bus is
granted.
IDSEL
I
24
22
Initialization devise select asserts To indicate that the host is
issuing a configuration cycle to the AX88140A.
INT#
O/D
3
1
Interrupt request asserts When one of the appropriate bits of reg5
sets and causes an interrupt, provided that the corresponding mask
bit in reg7 is not asserted. interrupt request deasserts by writing a 1
into the appropriate crs5 bit.
This pin must be pulled up by an external resistor.
IRDY#
I/O
46
40
Initiator ready Indicates the bus master
ability to complete the
current data phase of the transaction.
A data phase is completed on any rising edge of the clock When
both IRDY# and target ready TRDY# are asserted. Wait cycles are
inserted until both IRDY# and TRDY# are asserted together.
When the AX88140A is the bus master, IRDY# is asserted during
write operations to indicate that valid data is present on the
AD<31:0>. During read operations, the AX88140A asserts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com