Electronic Components Datasheet Search
  English  ▼

X  

AX88140A Datasheet(PDF) 32 Page - ASIX Electronics Corporation

Part # AX88140A
Description  Fast Ethernet MAC Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88140A Datasheet(HTML) 32 Page - ASIX Electronics Corporation

Back Button AX88140A Datasheet HTML 28Page - ASIX Electronics Corporation AX88140A Datasheet HTML 29Page - ASIX Electronics Corporation AX88140A Datasheet HTML 30Page - ASIX Electronics Corporation AX88140A Datasheet HTML 31Page - ASIX Electronics Corporation AX88140A Datasheet HTML 32Page - ASIX Electronics Corporation AX88140A Datasheet HTML 33Page - ASIX Electronics Corporation AX88140A Datasheet HTML 34Page - ASIX Electronics Corporation AX88140A Datasheet HTML 35Page - ASIX Electronics Corporation AX88140A Datasheet HTML 36Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
AX88140A
PRELIMINARY
ASIX ELECTRONICS CORPORATION
32
10
MF - Multicast Frame Indicates that this frame is a multicast address.
This field is valid only when last descriptor (RDES0<8>) is set.
1
Indicates that this descriptor contains the first buffer of a
frame.
9
FS - First Descriptor
0
Indicates that this descriptor is the middle or last buffer of
a frame.
1
Indicates that the buffers pointed to by this descriptor, are
the last buffers
8
LS - Last Descriptor
0
Indicates that this descriptor is the middle or first buffer of
a frame.
7
TL - Frame Too Long. Frame length grater then 1518 bytes. Active high.
This field is valid only when last descriptor (RDES0<8>) is set.
6
CS - Collision Seen. This is a late collision.
This field is valid only when last descriptor (RDES0<8>) is set.
5
Reserved.--Written as “0” for future compatibility concern.
4
RW - Receive Watchdog time expire. Active high.
This field is valid only when last descriptor (RDES0<8>) is set.
3
RE - Report on MII Error. Active high.
2
DB - Dribbling Bit Active high.
If set, and CRC error (RDES0<1>) is reset, then the packet is valid.
1
CE - CRC Error. Active high.
This field is valid only when last descriptor (RDES0<8>) is set.
0
FIFO Overrun. Active high.
Tab - 32 Receive Descriptor 0
5.2.2 Receive Descriptor 1 (RDES1)
FIELD
DESCRIPTION
31:11
Reserved.--Written as “0” for future compatibility concern.
10:0
RBS - Receive Data Buffer Size
Indicates the size in bytes of the data buffer. If this field is 0, the AX88140A ignores this buffer.
The buffer size must be a multiple of 4.
Tab - 33 Receive Descriptor 1
5.2.3 Receive Descriptor 2 (RDES2)
FIELD
DESCRIPTION
31:0
Data Buffer Pointer
Indicates the physical address of data buffer. The buffer must be long-word-aligned (RDES2<1:0>=00).
Tab - 34 Receive Descriptor 2
5.2.4 Receive Descriptor 3 (RDES3)
FIELD
DESCRIPTION
31:0
Address Pointer
Indicates the physical address of next descriptor. The address must be long-word aligned (RDES3<1:0>=00).
Tab - 35 Receive Descriptor 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com