Electronic Components Datasheet Search
  English  ▼

X  

AX88140A Datasheet(PDF) 25 Page - ASIX Electronics Corporation

Part # AX88140A
Description  Fast Ethernet MAC Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88140A Datasheet(HTML) 25 Page - ASIX Electronics Corporation

Back Button AX88140A Datasheet HTML 21Page - ASIX Electronics Corporation AX88140A Datasheet HTML 22Page - ASIX Electronics Corporation AX88140A Datasheet HTML 23Page - ASIX Electronics Corporation AX88140A Datasheet HTML 24Page - ASIX Electronics Corporation AX88140A Datasheet HTML 25Page - ASIX Electronics Corporation AX88140A Datasheet HTML 26Page - ASIX Electronics Corporation AX88140A Datasheet HTML 27Page - ASIX Electronics Corporation AX88140A Datasheet HTML 28Page - ASIX Electronics Corporation AX88140A Datasheet HTML 29Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
AX88140A
PRELIMINARY
ASIX ELECTRONICS CORPORATION
25
0
Half-Duplex
1
Accept broadcast packet
8
R/W
RB - Receive broadcast packet
0
Reject broadcast packet
1
Enable Pass All Multicast
7
R/W
PM - Pass All Multicast
0
Disable Pass All Multicast
1
Indicates that any incoming valid frame is received,
regardless of its destination address.
6
R/W
PR - Promiscuous Mode
0
Disable Promiscuous Mode.
5:4
-
Reserved.--Written as “0” for future compatibility concern.
1
All incoming frames that passed the address
filtering are received, including runt frames,
collided fragments, or truncated frames caused by
FIFO over-flow. If any received bad frames are
required, promiscuous mode (REG6<6>) should be
set to 1.
3
R/W
PB - Pass Bad Frames
0
Disable pass bad frame.
2
-
Reserved.--Written as “0” for future compatibility concern.
1
Start Receive
1
R/W
SR - Start/Stop Receive
0
Stop Receive
0
R
PLS - PCS_SYM Link Status : Active high.
Tab - 21 REG6 Operation Mode Register Description
Port and Data Rate Selection
REG6
<18>
REG6
<22>
REG6
<23>
REG6
<24>
ACTIVE
PORT
DATA
RATE
FUNCTION
0
0
X
X
SRL
10MB/S
Conventional 10MB/S ENDEC interface
1
1
0
0
MII/SYM
10MB/S
MII with transmit FIFO thresholds appropriate
for 10MB/S
1
0
0
0
MII/SYM
100MB/S MII with transmit FIFO thresholds appropriate
for 100MB/S
1
0
1
0
MII/SYM
100MB/S PCS function for 100BASE-FX
1
0
1
1
MII/SYM
100Mb/s
PCS and scrambler functions for 100BASE-T
Tab - 22 Port and Data Rate Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com