Electronic Components Datasheet Search
  English  ▼

X  

AX88140A Datasheet(PDF) 14 Page - ASIX Electronics Corporation

Part # AX88140A
Description  Fast Ethernet MAC Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88140A Datasheet(HTML) 14 Page - ASIX Electronics Corporation

Back Button AX88140A Datasheet HTML 10Page - ASIX Electronics Corporation AX88140A Datasheet HTML 11Page - ASIX Electronics Corporation AX88140A Datasheet HTML 12Page - ASIX Electronics Corporation AX88140A Datasheet HTML 13Page - ASIX Electronics Corporation AX88140A Datasheet HTML 14Page - ASIX Electronics Corporation AX88140A Datasheet HTML 15Page - ASIX Electronics Corporation AX88140A Datasheet HTML 16Page - ASIX Electronics Corporation AX88140A Datasheet HTML 17Page - ASIX Electronics Corporation AX88140A Datasheet HTML 18Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
AX88140A
PRELIMINARY
ASIX ELECTRONICS CORPORATION
14
2.3 Boot ROM , Serial ROM , General-purpose signals group
SIGNAL
TYPE
PIN
NUMBER
FOR 160 PIN
PIN
NUMBER
FOR 144 PIN
DESCRIPTION
BR_A<0>
0
112
102
Boot ROM address line bit 0.
BR_A<1>
0
113
103
Boot ROM address line bit 1. This pin also latches the boot ROM
address and control lines by the two external latches.
BR_AD<7>
BR_AD<6>
BR_AD<5>
BR_AD<4>
BR_AD<3>
BR_AD<2>
BR_AD<1>
BR_AD<0>
I/O
110,
109,
106,
105,
104,
103,
102,
101
100,
99,
96,
95,
94,
93,
92,
91
Boot ROM address and data multiplexed lines bits 7 through 0. In
the first of two consecutive address cycles, these lines contain the
boot ROM address bits 9 through 2; followed by boot ROM
address bits 17 through 10 in the second cycle. During the data
cycle, bits 7 through 0 contain data.
BR_CE#
O
111
101
Boot ROM chip enable.
SR_CK
O
88
78
Serial ROM clock signal.
SR_CS
O
89
79
Serial ROM chip-select signal.
SR_DI
O
87
77
Serial ROM data-in signal.
SR_DO
I
86
76
Serial ROM data-out signal.
GENP<7>
GENP<6>
GENP<5>
GENP<4>
GENP<3>
GENP<2>
GENP<1>
GENP<0>
I/O
99,
98,
97,
96,
93,
92,
91,
90
89,
88,
87,
86,
83,
82,
81,
80
General-purpose pins can be used by software as either status pins
or control pins. These pins can be configured by software to
perform either input or output functions.
Tab - 2 Boot ROM , Serial ROM , General-purpose signals group
2.4 MII/SYM/SRL interface signals group
SIGNAL
TYPE PIN
NUMBER
FOR 160 PIN
PIN
NUMBER
FOR 144 PIN
DESCRIPTION
MCOL
I
126
112
Collision detected is asserted when detected by an
external physical layer protocol(PHY) device.
MCRS
I
127
113
Carrier sense is asserted by the PHY when the media
is active.
MRXDV
I
125
111
Data valid is asserted by an external PHY when
receive data is present on the MRXD/SYRXD lines
and is deasserted at the end of the packet. This signal
should be synchronized with the
MRCLK/SYMRCLK signal.
MRXERR
I
124
110
Receive error asserts when a data decoding error is
detected by an external PHY device. This signal is
synchronized to MRCLK/SYMRCLK and can be
asserted for a minimum of one receive clock. When
asserted during a packet reception, it sets the cyclic
redundancy check(CRC) error bit in the receive
descriptor (RDESO).
MDC
O
116
106
MII management data clock is sourced by the
AX88140A to the PHY devices as a timing reference
for the transfer of information on the MII_MDIO
signal.
MDIO
I/O
115
105
MII management data input/output transfers control
information and status between the PHY and the
AX88140A.
MII/SRL
O
147
133
Indicates the selected port: SRL or MII/SYM. When
asserted, the MII/SYM port is active. When
deasserted, the SRL port is active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com