Electronic Components Datasheet Search
  English  ▼

X  

AX88140A Datasheet(PDF) 7 Page - ASIX Electronics Corporation

Part # AX88140A
Description  Fast Ethernet MAC Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88140A Datasheet(HTML) 7 Page - ASIX Electronics Corporation

Back Button AX88140A Datasheet HTML 3Page - ASIX Electronics Corporation AX88140A Datasheet HTML 4Page - ASIX Electronics Corporation AX88140A Datasheet HTML 5Page - ASIX Electronics Corporation AX88140A Datasheet HTML 6Page - ASIX Electronics Corporation AX88140A Datasheet HTML 7Page - ASIX Electronics Corporation AX88140A Datasheet HTML 8Page - ASIX Electronics Corporation AX88140A Datasheet HTML 9Page - ASIX Electronics Corporation AX88140A Datasheet HTML 10Page - ASIX Electronics Corporation AX88140A Datasheet HTML 11Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
AX88140A
PRELIMINARY
ASIX ELECTRONICS CORPORATION
7
1.2 Features
l Single chip PCI bus Fast Ethernet Controller.
l Direct interface to PCI bus.
l Support both 10Mbps and 100Mbps data rate.
l Full or Half duplex operation supported for both10Mbps and 100Mbps operation.
l Provides a MII port for both 10/100Mbps operation.
l On chip PCS support for 100BASE-TX symbol mode operation.
l On chip external 10Mbps ENDEC Interface.
l Support 21MHz to 33MHz no wait state PCI Bus Interface.
l Two large Independent FIFO for transmit and receive. no additional On board buffer memory required.
l Interface to serial ROM for Ethernet ID address and jumper-less board design.
l 256KB boot ROM support.
l On chip general purpose, programmable register and I/O pins.
l Unlimited PCI burst.
l external and internal loop-back capability.
l Support early interrupts on transmit.
l Powerful on chip buffer management DMA. And PCI Bus master operation reduce CPU utilization.
l Big and little endian byte ordering supported.
l IEEE 802.3u 100BASE-T, TX, and T4 Compatible.
l 160 pin or 144 pin PQFP package.
l 5V CMOS process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com