Electronic Components Datasheet Search
  English  ▼

X  

AX88140A Datasheet(PDF) 38 Page - ASIX Electronics Corporation

Part # AX88140A
Description  Fast Ethernet MAC Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88140A Datasheet(HTML) 38 Page - ASIX Electronics Corporation

Back Button AX88140A Datasheet HTML 34Page - ASIX Electronics Corporation AX88140A Datasheet HTML 35Page - ASIX Electronics Corporation AX88140A Datasheet HTML 36Page - ASIX Electronics Corporation AX88140A Datasheet HTML 37Page - ASIX Electronics Corporation AX88140A Datasheet HTML 38Page - ASIX Electronics Corporation AX88140A Datasheet HTML 39Page - ASIX Electronics Corporation AX88140A Datasheet HTML 40Page - ASIX Electronics Corporation AX88140A Datasheet HTML 41Page - ASIX Electronics Corporation AX88140A Datasheet HTML 42Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
AX88140A
PRELIMINARY
ASIX ELECTRONICS CORPORATION
38
6.4.5 10Mbps serial timing
Tstc
Tstcl
SRL_TCLK
Tsto
Tstch
Tsth
SRL_TXD
SRL_TXEN
Tsto1
Tsrc
SRL_RCLK
Tsrs
Tsrch
Tsrcl
Tsrh
SRL_RXD
SRL_RXEN
Symbol
Description
Min
Typ.
Max
Units
Tstc
SRL_TCLK Cycle time
85
-
118
ns
Tstch
Clock high time
45
-
55
ns
Tstcl
Clock low time
45
-
55
ns
Tsto
Data output delay
-
-
26
ns
Tsto1
SRL_TXEN data output delay
-
-
26
ns
Tsth
Data output hold time
5
-
-
ns
Tsrc
SRL_RCLK Cycle time
85
-
118
ns
Tsrch
Clock high time
45
-
55
ns
Tsrcl
Clock low time
45
-
55
ns
Tsrs
Data input Setup time
10
-
-
ns
Tsrh
Data input hold time
5
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com