Electronic Components Datasheet Search
  English  ▼

X  

AX88140A Datasheet(PDF) 33 Page - ASIX Electronics Corporation

Part # AX88140A
Description  Fast Ethernet MAC Controller
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88140A Datasheet(HTML) 33 Page - ASIX Electronics Corporation

Back Button AX88140A Datasheet HTML 29Page - ASIX Electronics Corporation AX88140A Datasheet HTML 30Page - ASIX Electronics Corporation AX88140A Datasheet HTML 31Page - ASIX Electronics Corporation AX88140A Datasheet HTML 32Page - ASIX Electronics Corporation AX88140A Datasheet HTML 33Page - ASIX Electronics Corporation AX88140A Datasheet HTML 34Page - ASIX Electronics Corporation AX88140A Datasheet HTML 35Page - ASIX Electronics Corporation AX88140A Datasheet HTML 36Page - ASIX Electronics Corporation AX88140A Datasheet HTML 37Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
AX88140A
PRELIMINARY
ASIX ELECTRONICS CORPORATION
33
5.3 Transmit Descriptors
Providing one buffer, one byte-count buffer, and two address pointers in each descriptor .
Transmit Descriptor Format
31
0
TDES0
O
W
N
Status
TDES1
Control bits
Byte Count Buffer 2
Byte Count Buffer 1
TDES2
Buffer Address 1
TDES3
Buffer Address 2
Fig - 6 Transmit Descriptor Format
5.3.1 Transmit Descriptor 0 (TDES0)
TDES0 contains transmitted frame status and descriptor ownership information.
Field
Description
1
Indicates that the descriptor is owned by the AX88140A.
31
OWN - Own Bit
0
Indicates that the descriptor is owned by the host.
30:16
Reserved.--Written as “0” for future compatibility concern.
ES - Error Summary
Indicates the logical OR of the following bits :
TDES0<1>
under-flow error
TDES0<8>
successive collisions
TDES0<9>
late collision
TDES0<10>
no carrier
TDES0<11>
loss of carrier
15
TDES0<14>
transmit jabber time-out
14
TO - Transmit Jabber Time-out : Active high.
The transmission process is aborted and placed in the STOPPED state.
When TDES0<14> is set any heartbeat fail indication (TDES0<7>) is not valid.
13:12
Reserved.--Written as “0” for future compatibility concern.
11
LO - Loss of Carrier during transmission. Active high. (The status is no meaning except 10BASE SRL mode)
Not valid in internal loop-back mode (REG6<11:10>=01).
10
NC - No Carrier. Indicates that the carrier signal from the transceiver was not present during transmission.
Active high.
Not valid in internal loop-back mode (REG6<11:10>=01).
9
LC - Late Collision. When set, indicates that the frame transmission was aborted due to collision occurring after
the collision window of 64 bytes. Not valid if under-flow error (TDES0<1>) is set.
8
EC - Excessive Collision When set, indicates that the transmission was aborted after 16 successive collisions
while attempting to transmit the current frame.
7
HF - Heartbeat Fail
This bit is effective only in 10Mb/s operation mode. When set, indicates a heartbeat collision check failure
This bit is not valid if under-flow error (TDES0<1>) is set.
On the second transmission attempt, after the first transmission was aborted due to collision, the AX88140A
does not check heartbeat fail and (TDES0<7>) is reset.
6:3
CC - Collision Count
This 4-bit counter indicates the number of collisions that occurred before the frame was transmitted.
Not valid when the excessive collisions bit (TDES0<8>) is also set.
2
Reserved.--Written as “0” for future compatibility concern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com