Electronic Components Datasheet Search
  English  ▼

X  

SI4721 Datasheet(PDF) 49 Page - Silicon Laboratories

Part # SI4721
Description  Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4721 Datasheet(HTML) 49 Page - Silicon Laboratories

Back Button SI4721 Datasheet HTML 45Page - Silicon Laboratories SI4721 Datasheet HTML 46Page - Silicon Laboratories SI4721 Datasheet HTML 47Page - Silicon Laboratories SI4721 Datasheet HTML 48Page - Silicon Laboratories SI4721 Datasheet HTML 49Page - Silicon Laboratories SI4721 Datasheet HTML 50Page - Silicon Laboratories SI4721 Datasheet HTML 51Page - Silicon Laboratories SI4721 Datasheet HTML 52Page - Silicon Laboratories SI4721 Datasheet HTML 53Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
AN383
Rev. 0.8
49
10.4. SW Whip Antenna Layout
Place the chip as close as possible to the whip antenna. This will minimize the trace length between the device and
whip antenna which in turn will minimize parasitic capacitance and the possibility of noise coupling. Place the whip
antenna away from any sources of interference and away from the I/O signals of the Si4734/35. Place the ac
coupling capacitor, C8, as close to the AMI pin as possible. Place the ac coupling capacitor, C1, as close as
possible to the FMI pin. Place ESD diodes U2 and U3 as close as possible to the whip antenna input connector for
maximum effectiveness.
10.5. SW Whip Antenna Design Checklist
Maximize whip antenna length for optimal performance.
Select matching inductor L1 with a Q of 20 or greater at 25 MHz and minimal dc resistance.
Select L1 inductor value to maximize signal strength across the FM band.
Place L1 and whip antenna close together and as far from potential noise sources as possible to reduce
capacitive and inductive coupling.
Place the chip as close as possible to the whip antenna to minimize the antenna trace length. This reduces
parasitic capacitance and hence reduces coupling into the antenna by noise sources. This recommendation
must be followed for optimal device performance.
Place ESD diodes U2 and U3 as close as possible to the whip antenna for maximum effectiveness.
Select ESD diodes U2 and U3 with minimum capacitance.
Place the ac coupling capacitor, C8, as close to the AMI pin as possible.
Follow the design checklist in "8. Ferrite Loop Antenna for AM/LW Receive on AMI (Si4730/31/34/35/36/37
Only)" on page 39 for the ferrite antenna to optimize AM performance (if AM is used in addition to SW).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com