Electronic Components Datasheet Search
  English  ▼

X  

SI4721 Datasheet(PDF) 18 Page - Silicon Laboratories

Part # SI4721
Description  Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4721 Datasheet(HTML) 18 Page - Silicon Laboratories

Back Button SI4721 Datasheet HTML 14Page - Silicon Laboratories SI4721 Datasheet HTML 15Page - Silicon Laboratories SI4721 Datasheet HTML 16Page - Silicon Laboratories SI4721 Datasheet HTML 17Page - Silicon Laboratories SI4721 Datasheet HTML 18Page - Silicon Laboratories SI4721 Datasheet HTML 19Page - Silicon Laboratories SI4721 Datasheet HTML 20Page - Silicon Laboratories SI4721 Datasheet HTML 21Page - Silicon Laboratories SI4721 Datasheet HTML 22Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
AN383
18
Rev. 0.8
3. Headphone Antenna for FM Receiver on FMI (Si470x/2x/3x/8x Only)
The Si470x/2x/3x FM Receiver component supports a headphone antenna interface through the FMI pin. A
headphone antenna with a length between 1.1 and 1.45 m suits the FM application very well because it is
approximately half the FM wavelength (FM wavelength is ~3 m).
3.1. Headphone Antenna Design
A typical headphone cable will contain three or more conductors. The left and right audio channels are driven by a
headphone amplifier onto left and right audio conductors and the common audio conductor is used for the audio
return path and FM antenna. Additional conductors may be used for microphone audio, switching, or other
functions, and in some applications the FM antenna will be a separate conductor within the cable. A representation
of a typical application is shown in Figure 8, “Typical Headphone Antenna Application”.
Figure 8. Typical Headphone Antenna Application
Si47xx
Antenna
Left
Right
Ferrite
Beads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com