Electronic Components Datasheet Search
  English  ▼

X  

SI4721 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # SI4721
Description  Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4721 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button SI4721 Datasheet HTML 17Page - Silicon Laboratories SI4721 Datasheet HTML 18Page - Silicon Laboratories SI4721 Datasheet HTML 19Page - Silicon Laboratories SI4721 Datasheet HTML 20Page - Silicon Laboratories SI4721 Datasheet HTML 21Page - Silicon Laboratories SI4721 Datasheet HTML 22Page - Silicon Laboratories SI4721 Datasheet HTML 23Page - Silicon Laboratories SI4721 Datasheet HTML 24Page - Silicon Laboratories SI4721 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
AN383
Rev. 0.8
21
3.4. Headphone Antenna Layout
To minimize inductive and capacitive coupling, inductor LMATCH and headphone jack J24 should be placed together
and as far from noise sources such as clocks and digital circuits as possible. LMATCH should be placed near the
headphone connector to keep audio currents away from the Si47xx.
To minimize CSHUNT and CP, place ferrite beads F1 and F2 as close as possible to the headphone connector.
To maximize ESD protection diode effectiveness, place diodes D1, D2 and D3 as close as possible to the
headphone connector. If capacitance larger than 1 pF is required for D1 and D2, both components should be
placed between FB1 and FB2 and the headphone amplifier to minimize CSHUNT.
Place the chip as close as possible to the headphone connector to minimize antenna trace capacitance,
CPCBANT. Keep the trace length short and narrow and as far above the reference plane as possible, restrict the
trace to a microstrip topology (trace routes on the top or bottom PCB layers only), minimize trace vias, and relieve
ground fill on the trace layer. Note that minimizing capacitance has the effect of maximizing characteristic
impedance. It is not necessary to design for 50
 transmission lines.
To reduce the level of digital noise passed to the antenna, RF shunt capacitors C5 and C6 may be placed on the
left and right audio traces close to the headphone amplifier audio output pins. The recommended value is 100 pF
or greater, however, the designer should confirm that the headphone amplifier is capable of driving the selected
shunt capacitance.
3.5. Headphone Antenna Design Checklist
Select
an antenna length of 1.1 to 1.45 m.
Select
matching inductor LMATCH to maximize signal strength across the FM band.
Select
matching inductor LMATCH with a Q of 15 or greater at 100 MHz and minimal dc resistance.
Place
inductor LMATCH and headphone connector together and as far from potential noise sources as possible
to reduce capacitive and inductive coupling.
Place
the Si47xx close to the headphone connector to minimize antenna trace length. Minimizing trace length
reduces CP and the possibility for inductive and capacitive coupling into the antenna by noise sources. This
recommendation must be followed for optimal device performance.
Select
ferrite beads F1–F2 with 2.5 k
 or greater resistance at 100 MHz to maximize RSHUNT and, therefore,
RP.
Place
ferrite beads F1-F2 close to the headphone connector.
Select
ESD diodes D1-D3 with minimum capacitance.
Place
ESD diodes D1-D3 as close as possible to the headphone connector for maximum effectiveness.
Place
optional RF shunt capacitors near the headphone amplifier’s left and right audio output pins to reduce the
level of digital noise passed to the antenna.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com