Electronic Components Datasheet Search
  English  ▼

X  

SI4721 Datasheet(PDF) 45 Page - Silicon Laboratories

Part # SI4721
Description  Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4721 Datasheet(HTML) 45 Page - Silicon Laboratories

Back Button SI4721 Datasheet HTML 41Page - Silicon Laboratories SI4721 Datasheet HTML 42Page - Silicon Laboratories SI4721 Datasheet HTML 43Page - Silicon Laboratories SI4721 Datasheet HTML 44Page - Silicon Laboratories SI4721 Datasheet HTML 45Page - Silicon Laboratories SI4721 Datasheet HTML 46Page - Silicon Laboratories SI4721 Datasheet HTML 47Page - Silicon Laboratories SI4721 Datasheet HTML 48Page - Silicon Laboratories SI4721 Datasheet HTML 49Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
AN383
Rev. 0.8
45
10. Whip Antenna for SW Receive on AMI (Si4734/35 Only)
The whip antenna is a typical monopole antenna used in portable SW receivers. Additionally, it can be used for FM
applications as covered in Section 6. This whip antenna schematic in this section will include the circuit for FM and
ferrite loop antenna for AM. In-depth analysis of the whip antenna for FM is covered in Section 6, while in-depth
analysis for the AM ferrite loop antenna is covered in Section 7.
10.1. SW Whip Antenna Design
The whip antenna is a monopole antenna with a stiff but flexible wire mounted vertically with one end adjacent to
the ground plane. The whip antenna is capacitive and its output capacitance depends on the length of the antenna
(maximum length ~56 cm). At 56 cm length, the capacitance of the whip antenna is about 12 pF at SW frequencies
and approximately 22 pF at the center of the FM band.
There are various types of whip antennas including the long non-telescopic metal whip antenna, telescopic metal
whip antenna, and rubber whip antenna. The following figure shows the rubber and the telescopic whip antenna.
Figure 28. Telescopic Whip Antenna



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com