Electronic Components Datasheet Search
  English  ▼

X  

SI4721 Datasheet(PDF) 39 Page - Silicon Laboratories

Part # SI4721
Description  Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4721 Datasheet(HTML) 39 Page - Silicon Laboratories

Back Button SI4721 Datasheet HTML 35Page - Silicon Laboratories SI4721 Datasheet HTML 36Page - Silicon Laboratories SI4721 Datasheet HTML 37Page - Silicon Laboratories SI4721 Datasheet HTML 38Page - Silicon Laboratories SI4721 Datasheet HTML 39Page - Silicon Laboratories SI4721 Datasheet HTML 40Page - Silicon Laboratories SI4721 Datasheet HTML 41Page - Silicon Laboratories SI4721 Datasheet HTML 42Page - Silicon Laboratories SI4721 Datasheet HTML 43Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
AN383
Rev. 0.8
39
8. Ferrite Loop Antenna for AM/LW Receive on AMI (Si4730/31/34/35/36/37
Only)
There are two types of antenna that will work well for an AM receiver: a ferrite loop antenna or an air loop antenna.
A ferrite loop antenna can be placed internally on the device or externally to the device with a wire connection.
When the ferrite loop antenna is placed internally on the device, it is more susceptible to picking up any noise
within the device. When the ferrite loop antenna is placed outside a device, e.g., at the end of an extension cable,
it is less prone to device noise activity and may result in better AM reception.
8.1. Ferrite Loop Antenna Design
Figure 24 shows an example of ferrite loop antennas. The left figure is the standard size ferrite loop antenna. It is
usually used in products with a lot of space, such as desktop radios. The right figure is the miniature size of the
loop antenna. It is usually used in small products where space is at a premium, such as cell phones. If possible,
use the standard size ferrite loop antenna as it has a better sensitivity than the miniature one.
Figure 24. Standard and Miniature Ferrite Loop Antennas
A loop antenna with a ferrite inside should be designed such that the inductance of the ferrite loop is between 180
and 450 µH for the Si473x AM Receiver.
Table 17 lists the recommended ferrite loop antenna for the Si473x AM Receiver.
The following is the vendor information for the ferrite loop antennas:
Guangzhou Jiaxin Electronics Shenzhen Sales Office
email:sales@firstantenna.com
Web:www.firstantenna.com
Table 17. Recommended Ferrite Loop Antenna
Part #
Diameter Length
Turns
Ui
Type
Application
SL8X50MW70T
8 mm
50 mm
70
400
Mn-Zn
Desktop Radios
SL4X30MW100T
4 mm
30 mm
100
300
Ni-Zn
Portable Radios
(MP3, Cell, GPS, …)
SL3X30MW105T
3 mm
30 mm
105
300
Ni-Zn
SL3X25MW100T
3 mm
25 mm
110
300
Ni-An
SL5X7X100MW70T 5 x 7 mm 100 mm
70
400
Mn-Zn
Desktop Radios



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com