Electronic Components Datasheet Search
  English  ▼

X  

SI4721 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # SI4721
Description  Si47XX ANTENNA, SCHEMATIC, LAYOUT, AND DESIGN GUIDELINES
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI4721 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button SI4721 Datasheet HTML 7Page - Silicon Laboratories SI4721 Datasheet HTML 8Page - Silicon Laboratories SI4721 Datasheet HTML 9Page - Silicon Laboratories SI4721 Datasheet HTML 10Page - Silicon Laboratories SI4721 Datasheet HTML 11Page - Silicon Laboratories SI4721 Datasheet HTML 12Page - Silicon Laboratories SI4721 Datasheet HTML 13Page - Silicon Laboratories SI4721 Datasheet HTML 14Page - Silicon Laboratories SI4721 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
AN383
Rev. 0.8
11
Table 8. Optional Bill of Materials: Emissions Mitigation
Designator
Description
Note
C4
VCO filter capacitor
3.3 pF, 0402, C0G
For filtering of VCO energy
(Si4704/05/06/1x/2x only)
C5
VCO filter capacitor
NP, 0402, C0G
Placeholder pad for alternate FMI VCO
filter configuration
C14
VCO filter capacitor
6 pF, 0402, C0G
For filtering of VCO energy
C15, C18
VCO filter capacitor
33 pF, 0402, C0G
For filtering of VCO energy
C16, C17
VCO filter capacitor
3.3 pF, 0402, C0G
For filtering of VCO energy
(Si473x only)
F1
VCO filter bead
Murata BLM15GA750SN1
For filtering of VCO energy
L1
VCO filter inductor
15 nH (Murata LQW18ANR15NJ00D)
For filtering of VCO energy
(Si4704/05/06/1x/2x only)
L2
VCO filter inductor
10 nH (Murata LQW18AN10NJ00D)
For filtering of VCO energy
(Si473x only)
R19, R20
VCO mitigating resistor,
330
, 0402
For filtering of VCO energy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com