Electronic Components Datasheet Search
  English  ▼

X  

DLPC910ZYR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910ZYR
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910ZYR Datasheet(HTML) 21 Page - Texas Instruments

Back Button DLPC910ZYR Datasheet HTML 17Page - Texas Instruments DLPC910ZYR Datasheet HTML 18Page - Texas Instruments DLPC910ZYR Datasheet HTML 19Page - Texas Instruments DLPC910ZYR Datasheet HTML 20Page - Texas Instruments DLPC910ZYR Datasheet HTML 21Page - Texas Instruments DLPC910ZYR Datasheet HTML 22Page - Texas Instruments DLPC910ZYR Datasheet HTML 23Page - Texas Instruments DLPC910ZYR Datasheet HTML 24Page - Texas Instruments DLPC910ZYR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
DLPC910
www.ti.com
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
7.3.6.5.2
Load4 Block Clears
While Load4 is enabled, Block Clear requests will be ignored. To load using Load4 followed by Block Clear
request(s), simply de-assert LOAD4_ENZ at the beginning of the MCP request(s) preceding the Block Clear
request(s). Re-assert LOAD4_ENZ at the beginning of the MCP request(s) preceding the next desired Load4
operation. This will ensure that the DLPC910 controller has sufficient time to disable or enable LOAD4_ENZ
before data is loaded or Block Clear(s) are requested. Refer to Block Clear regarding block clear operation.
7.3.7 Status Interface
7.3.7.1 ECP2 Finished
When power is applied, the ECP2_FINISHED signal goes high to indicate the DLPC910 has completed loading
the configuration from the DLPR910 prom.
7.3.7.2 Initialization Active
The initialization active signal INIT_ACTIVE indicates that the DMD and the DLPC910 digital controller are in an
initialization state after power is applied. During this initialization period, the DLPC910 is calibrating the data
interface, and initializing the DMD by setting all internal registers to their correct states. Monitoring the
INIT_ACTIVE signal should not begin until ECP2_FINISHED goes high. When this signal goes low, the system
has completed initialization. System initialization takes approximately 4 ms to complete. Data and command write
cycles must not be asserted during the initialization. This signal is driven by a CLK_R register and should be
considered an asynchronous signal. Standard synchronization techniques should be applied if monitoring this
signal with a synchronous circuit clocked by a clock other than CLK_R. After initialization is complete, a delay of
at least 64 clocks should be observed before the first DVALID is asserted (to ensure a clean start up process).
NOTE
The RST2BLKZ, COMP_DATA, and NS_FLIP signals should be kept low during
initialization to ensure proper setup of the system.
7.3.7.3 Reset Active
The reset active signal RST_ACTIVE goes high for approximately 4 µs, indicating a MCP operation is in
progress. During this time, no additional MCPs will be accepted by the DLPC910 until RST_ACTIVE returns low.
RST_ACTIVE does not return to low unless continuous no-op or data loading row cycles are issued.
After PWR_FLOAT is asserted, a Mirror Clocking Pulse is issued, or a mirror Float operation is requested,
RST_ACTIVE is asserted to indicate that the operation is in progress. Each RST_ACTIVE pulse applies to one or
more MCPs depending on the reset block operation chosen from Table 5. RST_ACTIVE is synchronized to an
internal version of DDC_DCLK. As such, circuits in the application FPGA should consider this signal
asynchronous and use standard synchronization techniques to assure reliable registering of this signal.
7.3.7.4 DMD_IRQ
The DMD_IRQ signal indicates a DMD power fault of one of the bias, offset, or reset power supplies. If the
customer interface wishes to monitor this signal, it must first be enabled in the DESTOP_INTERRUPT Register.
The cause of the fault should be determined and resolved prior to a system reset to continue operation. The
customer interface can also monitor this event by polling the DESTOP_INTERRUPT Register via the I2C
interface.
7.3.7.5 LED Indicators
7.3.7.5.1
VLED0
The VLED0 signal is typically connected to an LED to show that the DLPC910 is operating normally. The signal
is 1 Hz with 50% duty cycle, otherwise known as the heartbeat.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com