| Electronic Components Datasheet Search |
|
DLPC910ZYR Datasheet(PDF) 8 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DLPC910ZYR Datasheet(HTML) 8 Page - Texas Instruments |
|
8 / 50 page ![]() DLPC910 DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015 www.ti.com Pin Functions (continued) PIN ACTIVE I/O TYPE CLOCK SYSTEM DESCRIPTION (HI OR LO) NAME NO. DDC_DOUT_A4_DPN Y2 LVDS_25_NO - DDC_DCLKOUT_A Output Bus A Data bit 4 to DMD. DDC_DOUT_A4_DPP AA2 LVDS_25_PO - DDC_DCLKOUT_A DDC_DOUT_A5_DPN W1 LVDS_25_NO - DDC_DCLKOUT_A Output Bus A Data bit 5 to DMD. DDC_DOUT_A5_DPP Y1 LVDS_25_PO - DDC_DCLKOUT_A DDC_DOUT_A6_DPN V1 LVDS_25_NO - DDC_DCLKOUT_A Output Bus A Data bit 6 to DMD. DDC_DOUT_A6_DPP V2 LVDS_25_PO - DDC_DCLKOUT_A DDC_DOUT_A7_DPN U1 LVDS_25_NO - DDC_DCLKOUT_A Output Bus A Data bit 7 to DMD. DDC_DOUT_A7_DPP U2 LVDS_25_PO - DDC_DCLKOUT_A DDC_DOUT_A8_DPN R2 LVDS_25_NO - DDC_DCLKOUT_A Output Bus A Data bit 8 to DMD. DDC_DOUT_A8_DPP T2 LVDS_25_PO - DDC_DCLKOUT_A DDC_DOUT_A9_DPN N2 LVDS_25_NO - DDC_DCLKOUT_A Output Bus A Data bit 9 to DMD. DDC_DOUT_A9_DPP M2 LVDS_25_PO - DDC_DCLKOUT_A DDC_DOUT_A10_DPN K1 LVDS_25_NO - DDC_DCLKOUT_A Output Bus A Data bit 10 to DMD. DDC_DOUT_A10_DPP L2 LVDS_25_PO - DDC_DCLKOUT_A DDC_DOUT_A11_DPN K2 LVDS_25_NO - DDC_DCLKOUT_A Output Bus A Data bit 11 to DMD. DDC_DOUT_A11_DPP K3 LVDS_25_PO - DDC_DCLKOUT_A DDC_DOUT_A12_DPN J3 LVDS_25_NO - DDC_DCLKOUT_A Output Bus A Data bit 12 to DMD. DDC_DOUT_A12_DPP H3 LVDS_25_PO - DDC_DCLKOUT_A DDC_DOUT_A13_DPN H2 LVDS_25_NO - DDC_DCLKOUT_A Output Bus A Data bit 13 to DMD. DDC_DOUT_A13_DPP J1 LVDS_25_PO - DDC_DCLKOUT_A DDC_DOUT_A14_DPN H1 LVDS_25_NO - DDC_DCLKOUT_A Output Bus A Data bit 14 to DMD. DDC_DOUT_A14_DPP G1 LVDS_25_PO - DDC_DCLKOUT_A DDC_DOUT_A15_DPN G2 LVDS_25_NO - DDC_DCLKOUT_A Output Bus A Data bit 15 to DMD. DDC_DOUT_A15_DPP F2 LVDS_25_PO - DDC_DCLKOUT_A DDC_DOUT_B0_DPN AE5 LVDS_25_NO - DDC_DCLKOUT_B Output Bus B Data bit 0 to DMD. DDC_DOUT_B0_DPP AE6 LVDS_25_PO - DDC_DCLKOUT_B DDC_DOUT_B1_DPN AD3 LVDS_25_NO - DDC_DCLKOUT_B Output Bus B Data bit 1 to DMD. DDC_DOUT_B1_DPP AD4 LVDS_25_PO - DDC_DCLKOUT_B DDC_DOUT_B2_DPN AD5 LVDS_25_NO - DDC_DCLKOUT_B Output Bus B Data bit 2 to DMD. DDC_DOUT_B2_DPP AD6 LVDS_25_PO - DDC_DCLKOUT_B DDC_DOUT_B3_DPN AC3 LVDS_25_NO - DDC_DCLKOUT_B Output Bus B Data bit 3 to DMD. DDC_DOUT_B3_DPP AC4 LVDS_25_PO - DDC_DCLKOUT_B DDC_DOUT_B4_DPN AB5 LVDS_25_NO - DDC_DCLKOUT_B Output Bus B Data bit 4 to DMD. DDC_DOUT_B4_DPP AB6 LVDS_25_PO - DDC_DCLKOUT_B DDC_DOUT_B5_DPN AB7 LVDS_25_NO - DDC_DCLKOUT_B Output Bus B Data bit 5 to DMD. DDC_DOUT_B5_DPP AC6 LVDS_25_PO - DDC_DCLKOUT_B DDC_DOUT_B6_DPN AA5 LVDS_25_NO - DDC_DCLKOUT_B Output Bus B Data bit 6 to DMD. DDC_DOUT_B6_DPP AA4 LVDS_25_PO - DDC_DCLKOUT_B DDC_DOUT_B7_DPN AA7 LVDS_25_NO - DDC_DCLKOUT_B Output Bus B Data bit 7 to DMD. DDC_DOUT_B7_DPP Y7 LVDS_25_PO - DDC_DCLKOUT_B DDC_DOUT_B8_DPN Y3 LVDS_25_NO - DDC_DCLKOUT_B Output Bus B Data bit 8 to DMD. DDC_DOUT_B8_DPP W3 LVDS_25_PO - DDC_DCLKOUT_B DDC_DOUT_B9_DPN W4 LVDS_25_NO - DDC_DCLKOUT_B Output Bus B Data bit 9 to DMD. DDC_DOUT_B9_DPP V4 LVDS_25_PO - DDC_DCLKOUT_B DDC_DOUT_B10_DPN W6 LVDS_25_NO - DDC_DCLKOUT_B Output Bus B Data bit 10 to DMD. DDC_DOUT_B10_DPP W5 LVDS_25_PO - DDC_DCLKOUT_B DDC_DOUT_B11_DPN V7 LVDS_25_NO - DDC_DCLKOUT_B Output Bus B Data bit 11 to DMD. DDC_DOUT_B11_DPP V6 LVDS_25_PO - DDC_DCLKOUT_B DDC_DOUT_B12_DPN U4 LVDS_25_NO - DDC_DCLKOUT_B Output Bus B Data bit 12 to DMD. DDC_DOUT_B12_DPP V3 LVDS_25_PO - DDC_DCLKOUT_B DDC_DOUT_B13_DPN T4 LVDS_25_NO - DDC_DCLKOUT_B Output Bus B Data bit 13 to DMD. DDC_DOUT_B13_DPP T5 LVDS_25_PO - DDC_DCLKOUT_B DDC_DOUT_B14_DPN U6 LVDS_25_NO - DDC_DCLKOUT_B Output Bus B Data bit 14 to DMD. DDC_DOUT_B14_DPP U5 LVDS_25_PO - DDC_DCLKOUT_B 8 Submit Documentation Feedback Copyright © 2015, Texas Instruments Incorporated Product Folder Links: DLPC910 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |