Electronic Components Datasheet Search
  English  ▼

X  

DLPC910ZYR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910ZYR
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910ZYR Datasheet(HTML) 15 Page - Texas Instruments

Back Button DLPC910ZYR Datasheet HTML 11Page - Texas Instruments DLPC910ZYR Datasheet HTML 12Page - Texas Instruments DLPC910ZYR Datasheet HTML 13Page - Texas Instruments DLPC910ZYR Datasheet HTML 14Page - Texas Instruments DLPC910ZYR Datasheet HTML 15Page - Texas Instruments DLPC910ZYR Datasheet HTML 16Page - Texas Instruments DLPC910ZYR Datasheet HTML 17Page - Texas Instruments DLPC910ZYR Datasheet HTML 18Page - Texas Instruments DLPC910ZYR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
COMP_DATA/
NS_FLIP
50%
DCLKIN
tc
50%
50%
tw(H)
tw(L)
20%
80%
tt
tsu
th
VALID
50%
DVALID
DCLKIN
DDR Data
t
sk
Control
Cycle 1
Cycle#CLKS/
ROW
t
w(H)
t
c
t
w(L)
50%
50%
t
t
80%
20%
50%
t
sk
DLPC910
www.ti.com
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
Timing Requirements (continued)
(see
(1))
MIN
NOM
MAX
UNIT
tsk
Skew, DIN_A(15-0) to DCLKIN_A
-100
100
ps
Skew, DIN_B(15-0) to DCLKIN_B
-100
100
Skew, DIN_C(15-0) to DCLKIN_C
-100
100
Skew, DIN_D(15-0) to DCLKIN_D
-100
100
Skew, DVALID_n to DCLKIN_n
↑
-100
100
Skew, BLK_MD BLK_AD to
-100
100
DCLKIN_n
↑ (4)
Skew, ROWMD or ROWAD to
-100
100
DCLKIN_n
↑ (4)
Skew, STEPVCC to DCLKIN
↑ (4)
-100
100
(4)
First edge of DDC_DIN*, ROW*, and BLK* should be synchronous to DVALID rising edge.
Figure 1. Input Interface Timing
Figure 2. Control Timing
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com