Electronic Components Datasheet Search
  English  ▼

X  

DLPC910ZYR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910ZYR
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910ZYR Datasheet(HTML) 4 Page - Texas Instruments

  DLPC910ZYR Datasheet HTML 1Page - Texas Instruments DLPC910ZYR Datasheet HTML 2Page - Texas Instruments DLPC910ZYR Datasheet HTML 3Page - Texas Instruments DLPC910ZYR Datasheet HTML 4Page - Texas Instruments DLPC910ZYR Datasheet HTML 5Page - Texas Instruments DLPC910ZYR Datasheet HTML 6Page - Texas Instruments DLPC910ZYR Datasheet HTML 7Page - Texas Instruments DLPC910ZYR Datasheet HTML 8Page - Texas Instruments DLPC910ZYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
DLPC910
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
www.ti.com
I/O Type Descriptions
I/O TYPE
DESCRIPTION
PWR
Power
GND
Ground
LVDS_25_NI
LVDS 2.5-V negative input
LVDS_25_PI
LVDS 2.5-V positive input
LVDS_25_NO
LVDS 2.5-V negative output
LVDS_25_PO
LVDS 2.5-V positive output
LVCMOS25_I
LVCMOS 2.5-V input
LVCMOS25_O
LVCMOS 2.5-V output
LVCMOS25_B
LVCMOS 2.5-V bidirectional
LVCMOS33_I
LVCMOS 3.3-V input
LVCMOS33_O
LVCMOS 3.3-V output
LVCMOS33_B
LVCMOS 3.3-V bidirectional
LVDCI_33_O
Low-voltage digitally controlled impedance 3.3-V output
NC
No connection
Pin Functions
PIN
ACTIVE
I/O TYPE
CLOCK SYSTEM
DESCRIPTION
(HI OR LO)
NAME
NO.
CTRL_RSTZ
F9
LVCMOS25_I
Lo = 0
-
DLPC910 Reset.
DLPC910 Slave IIC Address Lo = 0x34,
DDC_IIC_ADDR_SEL
AA10
LVCMOS33_I
Hi = 1
-
Hi = 0x36. Includes Internal pull-up.
DLPC910 Slave IIC Clock. Requires an
DDC_IIC_SCL
Y8
LVCMOS33_B
-
-
external 1-k
Ω pull-up resistor.
DLPC910 Slave IIC Data. Requires an
DDC_IIC_SDA
AA8
LVCMOS33_B
-
DDC_IIC_SCL
external 1-k
Ω pull-up resistor.
CLKIN_R
E10
LVCMOS25_I
-
Reference clock
50-MHz Reference Clock
RESET_ADDR0
AD18
LVDCI_33_O
Hi
-
Connect to DMD RESET_ADDR0
RESET_ADDR1
AC18
LVDCI_33_O
Hi
-
Connect to DMD RESET_ADDR1
RESET_ADDR2
AC17
LVDCI_33_O
Hi
-
Connect to DMD RESET_ADDR2
RESET_ADDR3
AC16
LVDCI_33_O
Hi
-
Connect to DMD RESET_ADDR3
RESET_MODE0
AC13
LVDCI_33_O
Hi
-
Connect to DMD RESET_MODE0
RESET_MODE1
AD13
LVDCI_33_O
Hi
-
Connect to DMD RESET_MODE1
RESET_SEL0
AD15
LVDCI_33_O
Hi
-
Connect to DMD RESET_SEL0
RESET_SEL1
AC14
LVDCI_33_O
Hi
-
Connect to DMD RESET_SEL1
RESET_STROBE
AD10
LVDCI_33_O
Hi
-
Connect to DMD RESET_STROBE
RESET_OEZ
AD14
LVDCI_33_O
Lo
-
Connect to DMD RESET_OEZ
RESET_IRQZ
AD8
LVCMOS33_I
Lo
-
Connect to DMD RESET_IRQZ
RESET_RSTZ
AB10
LVDCI_33_O
Lo
-
Connect to DMD RESETZ
SCPCLK
AC7
LVDCI_33_O
-
-
Connect to DMD SCP_CLK
SCPDI
AC8
LVCMOS33_I
-
SCPCLK
Connect to DMD SCP_DO
SCPDO
AC9
LVDCI_33_O
-
SCPCLK
Connect to DMD SCP_DI
DMD_SCPENZ
AB9
LVDCI_33_O
Lo
SCPCLK
Connect to DMD SCP_ENZ
DMD_TYPE_0
G11
LVCMOS25_O
Hi
-
Attached DMD Type bit 0
DMD_TYPE_1
G12
LVCMOS25_O
Hi
-
Attached DMD Type bit 1
DMD_TYPE_2
H11
LVCMOS25_O
Hi
-
Attached DMD Type bit 2
DMD_TYPE_3
H12
LVCMOS25_O
Hi
-
Attached DMD Type bit 3
BLKAD_0
E12
LVCMOS25_I
Hi
DDC_DCLK_[A,B,C,D]
Block Address bit 0
BLKAD_1
D13
LVCMOS25_I
Hi
DDC_DCLK_[A,B,C,D]
Block Address bit 1
BLKAD_2
E13
LVCMOS25_I
Hi
DDC_DCLK_[A,B,C,D]
Block Address bit 2
BLKAD_3
F13
LVCMOS25_I
Hi
DDC_DCLK_[A,B,C,D]
Block Address bit 3
BLKMD_0
H13
LVCMOS25_I
Hi
DDC_DCLK_[A,B,C,D]
Block Mode Bit 0
BLKMD_1
H14
LVCMOS25_I
Hi
DDC_DCLK_[A,B,C,D]
Block Mode Bit 1
ROWAD_0
D14
LVCMOS25_I
Hi
-
DMD Row Address bit 0
ROWAD_1
D15
LVCMOS25_I
Hi
-
DMD Row Address bit 1
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com