Electronic Components Datasheet Search
  English  ▼

X  

DLPC910ZYR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910ZYR
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910ZYR Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLPC910ZYR Datasheet HTML 9Page - Texas Instruments DLPC910ZYR Datasheet HTML 10Page - Texas Instruments DLPC910ZYR Datasheet HTML 11Page - Texas Instruments DLPC910ZYR Datasheet HTML 12Page - Texas Instruments DLPC910ZYR Datasheet HTML 13Page - Texas Instruments DLPC910ZYR Datasheet HTML 14Page - Texas Instruments DLPC910ZYR Datasheet HTML 15Page - Texas Instruments DLPC910ZYR Datasheet HTML 16Page - Texas Instruments DLPC910ZYR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
DLPC910
www.ti.com
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
ELECTRICAL
VCCINT
–0.50
1.1
VCCO
Supply voltage range (2)
–0.50
3.75
V
VCCAUX
–0.50
3.0
3.3 V
–0.95
4.05
VI
Input voltage range (3)
V
2.5 V
–0.75
VCCO + 0.50
3.3 V
–0.30
VCCO – 0.40
VO
Output voltage range (4)
V
2.5 V
–0.30
VCCO – 0.40
ENVIRONMENTAL
TJ
Junction temperature
125
°C
Tstg
Storage temperature (ambient)
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to GND.
(3)
Applies to external input and bidirectional buffers.
(4)
Applies to external output and bidirectional buffers.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
± 2500
pins (1)
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification
± 1500
JESD22-C101, all pins (2)
(1)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that 500V HBM allows
safe manufacturing with a standard ESD control process.
(2)
Level listed above is the passing level per EIA-JEDEC JESD22-C101. JEDEC document JEP157 states that 250-V CDM allows safe
manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
ELECTRICAL
VCCINT
1-V supply voltage, core logic
0.95
1.00
1.05
V
VCCO
2.5-V supply voltage, I/O for VCCO_1,3,11,12,13,14,15,16,17,18,21
1.14
2.50
3.45
V
VCCO
3.3-V supply voltage, I/O for VCCO_0,2,4
3.0
3.30
3.45
V
VCCAUX
2.5-V supply voltage, I/O
2.375
2.500
2.625
V
3.3-V DCI and CMOS for VCCO_0,2,4
0
VCCO
2. 5-V CMOS for
VI
Input voltage
0
VCCO
V
VCCO_1,3,11,12,13,14,15,16,17,18,21
2.5-V LVDS
0.3
2.2
3.3-V DCI and CMOS for VCCO_0,2,4
0
VCCO
2.5-V CMOS for
VO
Output voltage
0
VCCO
V
VCCO_1,3,11,12,13,14,15,16,17,18,21
2.5-V LVDS
0.825
1.675
TA
Operating ambient temperature
0
85
°C
ENVIRONMENTAL
PD
Continuous total power dissipation
6
W
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com