Electronic Components Datasheet Search
  English  ▼

X  

DLPC910ZYR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910ZYR
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910ZYR Datasheet(HTML) 34 Page - Texas Instruments

Back Button DLPC910ZYR Datasheet HTML 30Page - Texas Instruments DLPC910ZYR Datasheet HTML 31Page - Texas Instruments DLPC910ZYR Datasheet HTML 32Page - Texas Instruments DLPC910ZYR Datasheet HTML 33Page - Texas Instruments DLPC910ZYR Datasheet HTML 34Page - Texas Instruments DLPC910ZYR Datasheet HTML 35Page - Texas Instruments DLPC910ZYR Datasheet HTML 36Page - Texas Instruments DLPC910ZYR Datasheet HTML 37Page - Texas Instruments DLPC910ZYR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
DLPC910
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
www.ti.com
7.5.1.7 DESTOP_RESET_REG Register
The DESTOP_RESET_REG register is used for reading the current state of the MCP. Reading this register while
the DLPC910 is loading data to the DMD may always indicate a “1”. It is best to monitor the actual RST_ACTIVE
output signal of the DLPC910 to obtain the real state of the MCP.
Table 14. DESTOP_RESET_REG Register
ADDRESS
BITS
DESCRIPTION
RESET
TYPE
0x0020
0
RESET Operation in progress bit: (Mirror clocking pulse)
0x0
R
0 - Reset inactive
1 - Reset active
31:1
UNUSED
0x0
R
7.5.1.8 DESTOP_INFIFO_STATUS Register
The DESTOP_INFIFO_STATUS register is used for validating there is data in the input bus FIFO buffers. An
empty FIFO buffer may indicate that the DVALID is not properly set for the data on the input data bus.
Table 15. DESTOP_INFIFO_STATUS Register
ADDRESS
BITS
DESCRIPTION
RESET
TYPE
0x0024
0
Channel A input FIFO status:
0x0
R
0 - Channel A FIFO has data
1 - Channel A FIFO is empty
1
Channel B input FIFO status:
0x0
R
0 - Channel B FIFO has data
1 - Channel B FIFO is empty
2
Channel C input FIFO status:
0x0
R
0 - Channel C FIFO has data
1 - Channel C FIFO is empty
3
Channel D input FIFO status:
0x0
R
0 - Channel D FIFO has data
1 - Channel D FIFO Is empty
31:4
UNUSED
0x0
R
7.5.1.9 DESTOP_BUS_SWAP Register
The DESTOP_BUS_SWAP register is used for configuring the DLPC910 output LVDS buses to the DMD. To
simplify board layout design, swapping the buses may reduce routing constraints. If the buses are swapped in
hardware, then the appropriate setting that matches the hardware must be set after a power cycle or a reset to
the DLPC910.
Table 16. DESTOP_BUS_SWAP Register
ADDRESS
BITS
DESCRIPTION
RESET
TYPE
0x0028
0
Enables Bus swap for A and B output DMD buses. SCTRLs
0x0
R/W
for A and B output buses are also swapped.
0 = un-swapped (default)
1 = swapped
1
Enables Bus swap for C and D output DMD buses.
0x0
R/W
SCTRLs for C and D output buses are also swapped.
0 = un-swapped (default)
1 = swapped
31:2
UNUSED
0x0
R
34
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com