Electronic Components Datasheet Search
  English  ▼

X  

DLPC910ZYR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC910ZYR
Description  Digital Controller for the DLP9000XFLS Digital Micromirror Device
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC910ZYR Datasheet(HTML) 33 Page - Texas Instruments

Back Button DLPC910ZYR Datasheet HTML 29Page - Texas Instruments DLPC910ZYR Datasheet HTML 30Page - Texas Instruments DLPC910ZYR Datasheet HTML 31Page - Texas Instruments DLPC910ZYR Datasheet HTML 32Page - Texas Instruments DLPC910ZYR Datasheet HTML 33Page - Texas Instruments DLPC910ZYR Datasheet HTML 34Page - Texas Instruments DLPC910ZYR Datasheet HTML 35Page - Texas Instruments DLPC910ZYR Datasheet HTML 36Page - Texas Instruments DLPC910ZYR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
DLPC910
www.ti.com
DLPS064A – SEPTEMBER 2015 – REVISED OCTOBER 2015
7.5.1.3 DESTOP_CAL Register
The DESTOP_CAL register is used for reading the calibration state of the LVDS input buses of the DLPC910.
The calibration occurs during the initialization after power is applied to the DLPC910.
Table 10. DESTOP_CAL Register
ADDRESS
BITS
DESCRIPTION
RESET
TYPE
0x0010
0
Input Channel A Calibration complete:
0x0
R
0 - Channel A Calibration in progress
1 - Channel A Calibration complete
1
Input Channel B Calibration complete:
0x0
R
0 - Channel B Calibration in progress
1 - Channel B Calibration complete
2
Input Channel C Calibration complete:
0x0
R
0 - Channel C Calibration in progress
1 - Channel C Calibration complete
3
Input Channel D Calibration complete:
0x0
R
0 - Channel D Calibration in progress
1 - Channel D Calibration complete
31:04:00
UNUSED
0x0
R
7.5.1.4 DESTOP_DMD_ID_REG Register
The DESTOP_DMD_ID_REG register is used for reading the identification of the DMD connected to the
DLPC910. If the DLPC910 determines the DMD is not supported, the DLPC910 will halt all operations.
Table 11. DESTOP_DMD_ID_REG Register
ADDRESS
BITS
DESCRIPTION
RESET
TYPE
0x0014
31:0
Read-only register containing the ID of the connected
0x0
R
DMD.
7.5.1.5 DESTOP_CATBITS_REG Register
The DESTOP_CATBITS_REG register is used for reading the remainder of identification of the DMD connected
to the DLPC910. If the DLPC910 determines the DMD is not supported, the DLPC910 will halt all operations.
Table 12.
ADDRESS
BITS
DESCRIPTION
RESET
TYPE
0x0018
3:0
Read-only register containing the 4 remaining ID bits of
0x0
R
the connected DMD.
31:4
UNUSED
0x0
R
7.5.1.6 DESTOP_VERSION Register
The DESTOP_VERSION is used for obtaining the DLPR910 prom configuration program version.
Table 13. DESTOP_VERSION Register
ADDRESS
BITS
DESCRIPTION
RESET
TYPE
(Read-only register of the DLPC910 version number)
0x001C
3:0
Major
0x1
R
7:4
Minor
0x0
R
15:8
Revision
0x0
R
31:16
UNUSED
0x0
R
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: DLPC910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com