Electronic Components Datasheet Search
  English  ▼

X  

R5975D Datasheet(PDF) 1 Page - STMicroelectronics

Part # R5975D
Description  Up to 3 A step-down switching regulator for aerospace applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5975D Datasheet(HTML) 1 Page - STMicroelectronics

  R5975D Datasheet HTML 1Page - STMicroelectronics R5975D Datasheet HTML 2Page - STMicroelectronics R5975D Datasheet HTML 3Page - STMicroelectronics R5975D Datasheet HTML 4Page - STMicroelectronics R5975D Datasheet HTML 5Page - STMicroelectronics R5975D Datasheet HTML 6Page - STMicroelectronics R5975D Datasheet HTML 7Page - STMicroelectronics R5975D Datasheet HTML 8Page - STMicroelectronics R5975D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
October 2014
DocID026878 Rev 1
1/47
R5975D
Up to 3 A step-down switching regulator for aerospace applications
Datasheet
- preliminary data
Features
 General features
– 3 A DC output current
– Operating input voltage from 4 V to 36 V
– 3.3 V / (± 2%) reference voltage
– Large ambient temperature range:
-40 °C to 125 °C
– Output voltage adjustable from 1.235 V to
35 V
– Low dropout operation: 100% duty cycle
– 250 kHz internally fixed frequency
– Voltage feed-forward
– Zero load current operation
– Internal current limiting
– Inhibit for zero current consumption
– Synchronization
– Protection against feedback disconnection
– Thermal shutdown
 Aerospace and defense features
– Suitable for use in aerospace and defense
applications
– Dedicated traceability and part marking
– Production parts approval documents
available
– Adapted extended life time and
obsolescence management
– Extended product change notification
process
– Designed and manufactured to meet sub-
ppm quality goals
– Advanced mold and frame designs for
superior resilience in harsh environments
(acceleration, EMI, thermal, humidity)
– Extended screening capability on request
Applications
 Dedicated to aerospace applications
Description
The R5975D is a step-down monolithic power
switching regulator with a minimum switch current
limit of 3.75 A, it is therefore able to deliver up to
3 A DC current to the load depending on the
application conditions. The output voltage can be
set from 1.235 V to 35 V. The high current level is
also achieved thanks to a HSOP8 package with
exposed frame, that allows to reduce the RTHJ-A
down to approximately 40 °C/W. The device uses
an internal P-channel DMOS transistor (with
a typical RDS(on) of 250 mΩ) as switching element
to minimize the size of the external components.
An internal oscillator fixes the switching frequency
at 250 kHz. The large ambient temperature range
makes it ideal for aerospace and defense
applications. Pulse-by-pulse current limit with the
internal frequency modulation offers an effective
constant current short-circuit protection.
HSOP8 - exposed pad
www.st.com


Similar Part No. - R5975D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
R5972D STMICROELECTRONICS-R5972D Datasheet
1Mb / 35P
Up to 1.5 A step-down switching regulator for aerospace applications
01-Oct-2014
R5973AD STMICROELECTRONICS-R5973AD Datasheet
1Mb / 38P
Up to 1.5 A step-down switching regulator for aerospace applications
10-Oct-2014
R5973ADTR STMICROELECTRONICS-R5973ADTR Datasheet
1Mb / 38P
Up to 1.5 A step-down switching regulator for aerospace applications
10-Oct-2014
R5973D STMICROELECTRONICS-R5973D Datasheet
1Mb / 39P
Up to 2 A step-down switching regulator for aerospace applications
29-Sep-2014
More results

Similar Description - R5975D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A5973AD STMICROELECTRONICS-A5973AD Datasheet
1Mb / 19P
Up to 1.5 A step down switching regulator for automotive applications
02-May-2008
A5970D STMICROELECTRONICS-A5970D_08 Datasheet
716Kb / 13P
Up to 1 A step down switching regulator for automotive applications
27-Aug-2008
A5972D_0808 STMICROELECTRONICS-A5972D_0808 Datasheet
641Kb / 11P
Up to 1.5 A step down switching regulator for automotive applications
27-Aug-2008
A5973AD_0808 STMICROELECTRONICS-A5973AD_0808 Datasheet
1Mb / 19P
Up to 1.5 A step down switching regulator for automotive applications
27-Aug-2008
A5973D_0808 STMICROELECTRONICS-A5973D_0808 Datasheet
779Kb / 12P
Up to 2 A step down switching regulator for automotive applications
29-Aug-2008
ST1S14PHR STMICROELECTRONICS-ST1S14PHR Datasheet
2Mb / 46P
Up to 3 A step-down switching regulator
04-Mar-2013
R5972D STMICROELECTRONICS-R5972D Datasheet
1Mb / 35P
Up to 1.5 A step-down switching regulator for aerospace applications
01-Oct-2014
R5973AD STMICROELECTRONICS-R5973AD Datasheet
1Mb / 38P
Up to 1.5 A step-down switching regulator for aerospace applications
10-Oct-2014
R5973D STMICROELECTRONICS-R5973D Datasheet
1Mb / 39P
Up to 2 A step-down switching regulator for aerospace applications
29-Sep-2014
R7986A STMICROELECTRONICS-R7986A Datasheet
909Kb / 37P
3 A step-down switching regulator for aerospace applications
06-Oct-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com