Electronic Components Datasheet Search
  English  ▼

X  

R5975D Datasheet(PDF) 19 Page - STMicroelectronics

Part # R5975D
Description  Up to 3 A step-down switching regulator for aerospace applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5975D Datasheet(HTML) 19 Page - STMicroelectronics

Back Button R5975D Datasheet HTML 15Page - STMicroelectronics R5975D Datasheet HTML 16Page - STMicroelectronics R5975D Datasheet HTML 17Page - STMicroelectronics R5975D Datasheet HTML 18Page - STMicroelectronics R5975D Datasheet HTML 19Page - STMicroelectronics R5975D Datasheet HTML 20Page - STMicroelectronics R5975D Datasheet HTML 21Page - STMicroelectronics R5975D Datasheet HTML 22Page - STMicroelectronics R5975D Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
DocID026878 Rev 1
19/47
R5975D
Closing the loop
47
7
Closing the loop
Figure 8. Block diagram of the loop
7.1
Error amplifier and compensation network
The output LC filter of a step-down converter contributes with 180-degree phase shift in the
control loop. For this reason a compensation network between the COMP pin and
GROUND is added. The simplest compensation network, together with the equivalent circuit
of the error amplifier, are shown in Figure 9. RC and CC introduce a pole and a zero in the
open loop gain. CP does not significantly affect system stability but it is useful to reduce the
noise of the COMP pin.
The transfer function of the error amplifier and its compensation network is:
Equation 2
where Avo = Gm · Ro.
A0 s

AV0 1s
+
Rc Cc


s
2 R
0
C0 Cp
+
 R
c Cc
sR0 Cc
R0 C0 Cp
+
 R
c Cc
+
+
 1
+
+

-----------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com