Electronic Components Datasheet Search
  English  ▼

X  

R5975D Datasheet(PDF) 30 Page - STMicroelectronics

Part # R5975D
Description  Up to 3 A step-down switching regulator for aerospace applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5975D Datasheet(HTML) 30 Page - STMicroelectronics

Back Button R5975D Datasheet HTML 26Page - STMicroelectronics R5975D Datasheet HTML 27Page - STMicroelectronics R5975D Datasheet HTML 28Page - STMicroelectronics R5975D Datasheet HTML 29Page - STMicroelectronics R5975D Datasheet HTML 30Page - STMicroelectronics R5975D Datasheet HTML 31Page - STMicroelectronics R5975D Datasheet HTML 32Page - STMicroelectronics R5975D Datasheet HTML 33Page - STMicroelectronics R5975D Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Application information
R5975D
30/47
DocID026878 Rev 1
Figure 15 represents the estimation of power losses for different output voltages at VIN = 5 V
and TAMB = 40 C. The calculations are performed considering the RDS(on) of the power
element equal to 0.4 A.
Figure 15. Power losses estimation (VIN = 5 V, fSW = 250 kHz)
The red trace represents the maximum power which can be taken away, as calculated
above, while the other traces are the total internal losses for different output voltages.
The embedded conduction losses are proportional to the duty cycle required for the
conversion. Assuming the input voltage constant, the switching losses are proportional to
the output current while the quiescent losses can be considered as constant.
As a consequence, in Figure 15 the maximum power loss is for VOUT = 3.3 V, where the
system can manage a continuous output current up to 2.5 A. The device could deliver
a continuous output current up to 3 A to the load, however, the maximum power loss of 2.5
W is reached with an output current of 2.5 A, so the maximum output power is derated.
Figure 16 plots the power losses for VIN = 12 V and main output rails.
Figure 16. Power loss estimation (VIN = 12 V, fSW = 250 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com