Electronic Components Datasheet Search
  English  ▼

X  

R5975D Datasheet(PDF) 14 Page - STMicroelectronics

Part # R5975D
Description  Up to 3 A step-down switching regulator for aerospace applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5975D Datasheet(HTML) 14 Page - STMicroelectronics

Back Button R5975D Datasheet HTML 10Page - STMicroelectronics R5975D Datasheet HTML 11Page - STMicroelectronics R5975D Datasheet HTML 12Page - STMicroelectronics R5975D Datasheet HTML 13Page - STMicroelectronics R5975D Datasheet HTML 14Page - STMicroelectronics R5975D Datasheet HTML 15Page - STMicroelectronics R5975D Datasheet HTML 16Page - STMicroelectronics R5975D Datasheet HTML 17Page - STMicroelectronics R5975D Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
Functional description
R5975D
14/47
DocID026878 Rev 1
Figure 5. Synchronization example
5.4
Current protection
The R5975D features two types of current limit protection; pulse-by-pulse and frequency
foldback.
The schematic of the current limitation circuitry for the pulse-by-pulse protection is shown in
Figure 6. The output power PDMOS transistor is split into two parallel PDMOS transistors.
The smallest one includes a resistor in series, RSENSE. The current is sensed through
RSENSE and, if it reaches the threshold, the mirror becomes unbalanced and the PDMOS is
switched off until the next falling edge of the internal clock pulse. Due to this reduction of the
ON time, the output voltage decreases. As the minimum switch-on time necessary to sense
the current, in order to avoid a false overcurrent signal, is too short to obtain a sufficiently
low duty cycle at 250 kHz (see Section 8.5 on page 32), the output current in strong
overcurrent or short-circuit conditions may not be properly limited. For this reason, the
switching frequency is also reduced, therefore keeping the inductor current under its
maximum threshold. The frequency shifter (Figure 4) functions based on the feedback
voltage. As the feedback voltage decreases (due to the reduced duty cycle), the switching
frequency decreases also.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com