Electronic Components Datasheet Search
  English  ▼

X  

R5975D Datasheet(PDF) 10 Page - STMicroelectronics

Part # R5975D
Description  Up to 3 A step-down switching regulator for aerospace applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5975D Datasheet(HTML) 10 Page - STMicroelectronics

Back Button R5975D Datasheet HTML 6Page - STMicroelectronics R5975D Datasheet HTML 7Page - STMicroelectronics R5975D Datasheet HTML 8Page - STMicroelectronics R5975D Datasheet HTML 9Page - STMicroelectronics R5975D Datasheet HTML 10Page - STMicroelectronics R5975D Datasheet HTML 11Page - STMicroelectronics R5975D Datasheet HTML 12Page - STMicroelectronics R5975D Datasheet HTML 13Page - STMicroelectronics R5975D Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Datasheet parameters over the temperature range
R5975D
10/47
DocID026878 Rev 1
4
Datasheet parameters over the temperature range
100% of the population in the production flow is tested at three different ambient
temperatures (-40
C, +25 C, and +125 C) to guarantee the datasheet parameters inside
the junction temperature range (-40
C, +125 C).
The device operation is guaranteed when the junction temperature is inside the (-40
C;
+150
C) temperature range. The user can estimate the silicon temperature increase with
respect to the ambient temperature evaluating the internal power losses generated during
device operation (please refer to Section 2.2).
However, the embedded thermal protection disables the switching activity to protect the
device in case the junction temperature reaches the TSHTDWN (+150 C ±10 C)
temperature.
All the datasheet parameters can be guaranteed to a maximum junction temperature of
+125
C, to avoid triggering the thermal shutdown protection during the testing phase due to
self-heating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com