Electronic Components Datasheet Search
  English  ▼

X  

R5975D Datasheet(PDF) 33 Page - STMicroelectronics

Part # R5975D
Description  Up to 3 A step-down switching regulator for aerospace applications
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

R5975D Datasheet(HTML) 33 Page - STMicroelectronics

Back Button R5975D Datasheet HTML 29Page - STMicroelectronics R5975D Datasheet HTML 30Page - STMicroelectronics R5975D Datasheet HTML 31Page - STMicroelectronics R5975D Datasheet HTML 32Page - STMicroelectronics R5975D Datasheet HTML 33Page - STMicroelectronics R5975D Datasheet HTML 34Page - STMicroelectronics R5975D Datasheet HTML 35Page - STMicroelectronics R5975D Datasheet HTML 36Page - STMicroelectronics R5975D Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
DocID026878 Rev 1
33/47
R5975D
Application information
47
This can be understood considering the inductor current ripple during the ON and OFF
phases:
ON phase
Equation 33
OFF phase
Equation 34
where VD is the voltage drop across the diode, DCRL is the series resistance of the inductor.
In short-circuit conditions, VOUT is negligible, so during TOFF the voltage across the inductor
is very small, as equal to the voltage drop across parasitic components (typically the DCR of
the inductor and the VFW of the free-wheeling diode), while during TON, the voltage applied
to the inductor is maximized instead as approximately equal to VIN.
So, Equation 33 and 34 in overcurrent conditions can be simplified to:
Equation 35
considering TON which has been already reduced to its minimum.
Equation 36
considering that fSW has already been reduced to one third of the nominal.
In case a short-circuit at the output is applied, and VIN = 12 V, the inductor current is
controlled in most of the applications (see Figure 19). When the application must sustain the
short-circuit condition for an extended period, the external components (mainly the inductor
and diode) must be selected based on this value.
In case the VIN is very high, it may happen that the ripple current during TOFF (Equation 36)
does not compensate the current increase during TON (Equation 35). Figure 21 shows an
example of a power-up phase with VIN = VIN MAX = 36 V, whereIL TON > IL TOFF so the
current escalates and the balance between Equation 35 and occurs at a current slightly
higher than the current limit. This must be taken into account in particular to avoid the risk of
an abrupt inductor saturation.
IL TON
VIN Vout
–
DCRL RDS(on)
+
 I
–
L
-------------------------------------------------------------------------------------- TON

=
IL TOFF
VD Vout DCRL I
++

–
L
-------------------------------------------------------------- TOFF

=
IL TON
VIN DCRL RDS(on)
+
 I
–
L
------------------------------------------------------------------ TON MIN

VIN
L
--------- 250ns

=
IL TOFF
VD Vout DCRL I
++

–
L
-------------------------------------------------------------- 3T
SW

VD Vout DCRL I
++

–
L
-------------------------------------------------------------- 12
s

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com