Electronic Components Datasheet Search
  English  ▼

X  

HD3SS3220RNHT Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3220RNHT
Description  USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3220RNHT Datasheet(HTML) 29 Page - Texas Instruments

Back Button HD3SS3220RNHT Datasheet HTML 25Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 26Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 27Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 28Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 29Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 30Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 31Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 32Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
HD3SS3220
www.ti.com
SLLSES1 – DECEMBER 2015
8.2.4.1 Design Requirements
For this design example, use the parameters shown in Table 14.
Table 14. Design Parameters, UFP Port
PARAMETER
EXAMPLE
COMMENTS
VDD5
5 V
VBUS from Type-C port can be used.
1.8 V is also an option.
I2C I/O Supply
3.3 V
When using the 3.3-V supply, the customer must ensure that the VDD is 3 V
and above. Otherwise the I2C may back power the device
VCC33
3.3 V
3-3.6 V range allowed.
75-200 nF range allowed.
For TX pairs only, RX pairs will be biased by host Receiver. Note that
AC Coupling Capacitors for SS signals
100 nF
HD3SS3220 requires a common mode biasing of 0-2 V. If host receiver has
bias voltage outside this range, appropriate additional ac coupling caps and
biasing of HD3SS3220 RX pairs needed.
Smaller values can be used, but leakage needs to be considered for device
Pull-up Resistors: DIR, INT_N
200 K
power budget calculations.
Pull-up Resistors: I2C
4.7 K
Series resistor: VBUS_DET
900 K
8.2.4.2 Detailed Design Procedure
HD3SS3220 can be used to design a USB Type-C DFP Port. An example schematic for UFP implementation is
illustrated in Figure 12.
9 Power Supply Recommendations
HD3SS3220 has 4.5 to 5.5-V supply voltage requirement. The device can be powered from the same rail that
provides power for V(BUS).
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: HD3SS3220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com