Electronic Components Datasheet Search
  English  ▼

X  

HD3SS3220RNHT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3220RNHT
Description  USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3220RNHT Datasheet(HTML) 7 Page - Texas Instruments

Back Button HD3SS3220RNHT Datasheet HTML 3Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 4Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 5Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 6Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 7Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 8Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 9Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 10Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
HD3SS3220
www.ti.com
SLLSES1 – DECEMBER 2015
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Mid-Level (Floating) voltage (PORT, ADDR and
0.28 x
0.56 x
VM
V
CURRENT_MODE pins)
VDD5
VDD5
VIH
High-level input voltage
VDD5 - 0.3
VDD5
V
IIH
High-level input current
20
20
µA
IIL
Low-level input current
–10
10
µA
IID(LKG)
Current Leakage on ID pin
VDD5 = 0 V, ID = 5 V
10
µA
Internal pull-up resistance (PORT and ADDR
R(pu)
588
k
Ω
pins)
Internal pull-down resistance (PORT and
R(pd)
1.1
M
Ω
ADDR pins)
Internal pull-down resistance
R(pd_CURRENT)
275
k
Ω
(CURRENT_MODE pin)
R(ENn_CC)
Internal pull-up resistance (ENn_CC pin)
1.1
M
Ω
Input Pins: ENn_MUX
0.3 x
VIL
Low-level input voltage
V
VCC33
0.7 x
VIH
High-level input voltage
V
VCC33
IIH
High-level input current
–1
1
µA
IIL
Low-level input current
–1
1
µA
Open Drain Output Pins: OUT1, OUT2, INT_N/OUT3, ID, VCONN_FAULT_N, DIR
VOL
Low-level signal output voltage
IOL = –1.6 mA
0.4
V
I2C– SDA/OUT1, SCL/OUT2 can Operate from 1.8/3.3 V (±10%)(1)
VIH
High-level input voltage
1.05
V
VIL
Low-level input voltage
0.4
V
VOL
Low-level output voltage (open-drain)
IOL = –1.6 mA
0.4
V
VBUS_DET IO Pin (Connected to System VBUS Signal)
V(BUS_THR)
VBUS threshold range
2.95
3.3
3.8
V
R(VBUS_DET_INT)
Internal pull-down resistor at VBUS_DET pin
95
k
Ω
VCONN
RON
On resistance of the VCONN power FET
1.25
Ω
V(TOL)
Voltage tolerance on VCONN power FET
5.5
V
V(pass)
Voltage to pass through VCONN power FET
5.5
V
VCONN current limit. VCONN will be
I(VCONN)
225
300
375
mA
disconnected above this value
MUX High Speed Performance Parameters
f = 0.3 Mhz
–0.43
IL
Differential Insertion Loss
f = 2.5 Ghz
–1.07
dB
f = 5 Ghz
–1.42
BW
Bandwidth
8
Ghz
f = 0.3 Mhz
–27
RL
Differential return loss
f = 2.5 Ghz
–9
dB
f = 5 Ghz
–9
f = 0.3 Mhz
–79
OIRR
Differential OFF isolation
f = 2.5 Ghz
–23
dB
f = 5 Ghz
–20
f = 0.3 Mhz
–89
XTALK
Differential Cross Talk
f = 2.5 Ghz
–34
dB
f = 5 Ghz
–30
RON
On resistance
8
Ω
(1)
When using 3.3 V for I2C, customer must ensure VDD is above 3 V at all times.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: HD3SS3220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com