Electronic Components Datasheet Search
  English  ▼

X  

HD3SS3220RNHT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3220RNHT
Description  USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3220RNHT Datasheet(HTML) 4 Page - Texas Instruments

  HD3SS3220RNHT Datasheet HTML 1Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 2Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 3Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 4Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 5Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 6Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 7Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 8Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
HD3SS3220
SLLSES1 – DECEMBER 2015
www.ti.com
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
TX1n
16
I/O
Type-C Port - USB SuperSpeed differential Signal TX1 negative
TX1p
17
I/O
Type-C Port - USB SuperSpeed differential Signal TX1 positive
RX2n
18
I/O
Type-C Port - USB SuperSpeed differential Signal RX2 negative
RX2p
19
I/O
Type-C Port - USB SuperSpeed differential Signal RX2 positive
TX2n
20
I/O
Type-C Port - USB SuperSpeed differential Signal TX2 negative
TX2p
21
I/O
Type-C Port - USB SuperSpeed differential Signal TX2 positive
Tri-level input pin to indicate I2C address or GPIO mode:
H (connect to VDD5) - I2C is enabled and I2C 7-bit address is 0x67.
ADDR
22
I
NC - GPIO mode (I2C is disabled)
L (connect to GND) - I2C is enabled and I2C 7-bit address is 0x47.
ADDR pin should be pulled up to VDD if high configuration is desired
The INT_N/OUT3 is a dual-function pin.
When used as the INT_N, the pin is an open drain output in I2C control mode and is an
active low interrupt signal for indicating changes in I2C registers.
INT_N/OUT3
23
O
When used as OUT3, the pin is in audio accessory detect in GPIO mode:
H - no detection, and
L - audio accessory connection detected.
VCONN_FAU
24
O
Open drain output. Asserted low when VCONN overcurrent detected.
LT_N
The SDA/OUT1 is a dual-function pin.
When I2C is enabled (ADDR pin is high or low), this pin is the I2C communication data
signal.
SDA/OUT1
25
I/O
When in GPIO mode (ADDR pin is NC), this pin is an open drain output for communicating
Type-C current mode detect when the device is in UFP mode:
H – Default (900 mA) current mode detected, and
L – Medium (1.5 A) or High (3 A) Current Mode detected.
The SCL/OUT2 is a dual function pin.
When I2C is enabled (ADDR pin is high or low), this pin is the I2C communication clock
signal.
SCL/OUT2
26
I/O
When in GPIO mode (ADDR pin is NC), this pin is an open drain output for communicating
Type-C current mode detect when the device is in UFP mode:
H – Default or Medium current mode detected, and
L – High current mode detected.
Open drain output. Asserted low when CC pin detected device attachment when port is a
ID
27
O
source (DFP), or dual-role (DRP) acting as source (DFP).
ENn_CC
29
I
Enable signal for CC controller. Enable is active low.
VDD5
30
P
5-V Power supply
The thermal PAD must be connected to GND, see the Thermal Pad connection techniques
Thermal Pad
–
–
(SLMA002).
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: HD3SS3220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com