Electronic Components Datasheet Search
  English  ▼

X  

HD3SS3220RNHT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3220RNHT
Description  USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3220RNHT Datasheet(HTML) 8 Page - Texas Instruments

Back Button HD3SS3220RNHT Datasheet HTML 4Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 5Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 6Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 7Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 8Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 9Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 10Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 11Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
50%
SEL
90%
VOUT
50%
tSW_ON
tSW_OFF
10%
DIR
Axp
Axn
Bxp/Cxp
Bxn/Cxn
RSC = 50
RSC = 50
VCC
RL = 50
RL = 50
HD3SS3220
SLLSES1 – DECEMBER 2015
www.ti.com
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
I2C (SDA, SCL)
tSU:DAT
Data setup time
250
ns
tSU;STA
Set-up time, SCL to start condition
4.7
µs
tHD,STA
Hold time,(repeated) start condition to SCL
0.4
µs
tSU:STO
Set up time for STOP condition
0.4
µs
tBUF
Bus free time between a STOP and START condition
4.7
µs
fSCL
SCL clock frequency; I2C mode for local I2C control
100
ns
tr
Rise time of both SDA and SCL signals
1000
ns
tf
Fall time of both SDA and SCL signals
300
ns
SS MUX
tPD
Switch propagation delay See Figure 3
80
ps
tSW_ON
Switching time DIR-to-Switch ON See Figure 2
0.5
µs
tSW_OFF
Switching time DIR-to-Switch OFF See Figure 2
0.5
µs
tSK_INTRA
Intra-pair output skew See Figure 3
5
ps
tSK_INTER
Inter-pair output skew See Figure 3
20
ps
Figure 1. Test Setup
Figure 2. Switch On and Off Timing Diagram
8
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: HD3SS3220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com