Electronic Components Datasheet Search
  English  ▼

X  

HD3SS3220RNHT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3220RNHT
Description  USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3220RNHT Datasheet(HTML) 5 Page - Texas Instruments

  HD3SS3220RNHT Datasheet HTML 1Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 2Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 3Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 4Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 5Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 6Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 7Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 8Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
HD3SS3220
www.ti.com
SLLSES1 – DECEMBER 2015
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
5-V Supply Voltage
VDD5
–0.3
6
V
3.3-V Supply Voltage
VCC33
–0.3
4
V
CC1, CC2, ADDR, PORT, ID, DIR,
INT_N/OUT3, ENn_CC, ENn_MUX,
–0.3
VDD5 +0.3
V
SDA/OUT1, SCL/OUT2
Control Pins
ENn_MUX, DIR
–0.3
VCC33 +0.3
V
VBUS_DET
–0.3
4
V
Super-speed Differential Signal Pins
[RX/TX] [p/n], [RX/TX][2/1][p/n]
–0.3
2.5
V
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per JEDEC specification JESD22-
±1500
C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Manufacturing with
less than 500-V HBM is possible with the necessary precautions. Pins listed as ±XXX V may actually have higher performance.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process..
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
5-V Supply Voltage range
4.5(1)
5.5
V
3.3-V Supply Voltage range
3
3.6
V
VDD
Supply range for I2C (SDA, SCL) pins
1.65
3.6
V
V(diff)
High speed signal pins differential voltage
0
1.8
VPP
V(cm)
High speed signal pins common mode voltage
0
2
V
TA
Operating free-air/ambient temperature (HD3SS3220)
0
70
°C
TA
Operating free-air/ambient temperature (HD3SS3220I)
–40
85
°C
V(BUS)
System V(BUS) input voltage through 900-K resistor
4
5
28
V
Bulk capacitance on VCONN. Only when VCONN is on.
C(BULK)
10
200
µF
Disconnected when VCONN is off. Shall be placed on VDD5.
External Pull up resistor on Open Drain IOs (OUT1, OUT2,
R(p_ODext)
200
K
Ω
INT/OUT3, ID, VCONN_FAULT_N, and DIR pins)
R(p_TLext)
Tri-level input external pull-up resistor (PORT and ADDR pins)
4.7
K
Ω
R(p_15A)
External pull up resistor to advertise 1.5 A (CURRENT_MODE pin)
500
K
Ω
R(p_3A)
External pull up resistor to advertise 3 A (CURRENT_MODE pin)
10
K
Ω
External Pull up resistance on I2C bus
R(p_i2c_ext)
2.2
K
Ω
(Could be 4.7 K or higher. Nominal value listed)
R(VBUS)
External resistor on VBUS_DET pin
890
900
910
K
Ω
C(bus,I2c)
Total capacitive load for each I2C bus line
400
pF
(1)
With 200 mA VCONN current for VCONN
≥ 4.75 V at connector, VDD5 ≥ 5 V is recommended
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: HD3SS3220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com