Electronic Components Datasheet Search
  English  ▼

X  

HD3SS3220RNHT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS3220RNHT
Description  USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HD3SS3220RNHT Datasheet(HTML) 1 Page - Texas Instruments

  HD3SS3220RNHT Datasheet HTML 1Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 2Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 3Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 4Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 5Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 6Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 7Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 8Page - Texas Instruments HD3SS3220RNHT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
VCONN
Channel
Configuration
Mode
Configuration
and Detection
CC1
VDD5
Controller
I2C
GPIOs
TX2
RX2
TX1
RX1
TX
RX
CC2
VBUS_DET
VBUS
Detection
USB
SS
Mux
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
HD3SS3220
SLLSES1 – DECEMBER 2015
HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
1 Features
3 Description
HD3SS3220 is a USB SuperSpeed (SS) 2:1 mux with
1
•
USB Type-C Port Controller with Integrated 2:1
DRP port controller. The device provides Channel
SuperSpeed Mux
Configuration (CC) logic and 5V VCONN sourcing for
•
Compatible to USB Type-C™ Specifications
ecosystems
implementing
USB
Type-C.
The
•
Supports USB 3.1 G1 and G2 up to 10 Gbps
HD3SS3220 can be configured as a Downstream
Facing Port (DFP), Upstream Facing Port (UFP) or a
•
Supports up to 15 W of Power Delivery with 3-A
Dual Role Port (DRP) making it ideal for any
Current Advertisement and Detection
application.
•
Mode Configuration
The
HD3SS3220,
in
DRP
mode,
alternates
–
Host Only – DFP/Source
presenting itself as a DFP or UFP according to the
–
Device Only – UFP/Sink
Type-C specifications. The CC logic block monitors
the CC1 and CC2 pins for pull-up or pull-down
–
Dual Role Port - DRP
resistances to determine when a USB port has been
•
Channel Configuration (CC)
attached and its port role. Once a USB port has been
–
Attach of USB Port Detection
attached, the CC logic also determines the orientation
–
Cable Orientation Detection
of the cable and configures the USB SS mux
accordingly. Finally, CC logic advertises or detects
–
Role Detection
Type-C current mode – Default, Mid, or High in DFP
–
Type-C Current Mode (Default, Mid, High)
and UFP modes respectively.
•
V(BUS) Detection and VCONN Support for Active
Excellent dynamic characteristics of the integrated
Cables
mux allow switching with minimum attenuation to the
•
Audio and Debug Accessory Support
SS signal eye diagram and very little added jitter. The
•
Supports for Try.SRC and Try.SNK DRP Modes
device’s switch paths deploy adaptive common mode
voltage tracking resulting identical channel despite
•
Configuration Control through GPIO and I2C
different common mode voltage for RX and TX
•
Low Active and Standby Current Consumptions
channels.
•
Industrial Temperature Range of –40 to 85°C
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
HD3SS3220
•
USB Host, Device, Hub
VQFN RNH (30)
2.50 mm x 4.50 mm
HD3SS3220I
•
Mobile Phones, Tablets and Notebooks
(1) For all available packages, see the orderable addendum at
•
USB Peripherals such as Thumb Drives, Portable
the end of the data sheet.
Hard Disks, Set Top Box
space
Simplified Schematic
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - HD3SS3220RNHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS3220RNHT TI2-HD3SS3220RNHT Datasheet
1Mb / 48P
HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
REVISED JULY 2025
HD3SS3220RNHT.A TI2-HD3SS3220RNHT.A Datasheet
1Mb / 48P
HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
REVISED JULY 2025
HD3SS3220RNHT.B TI2-HD3SS3220RNHT.B Datasheet
1Mb / 48P
HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
REVISED JULY 2025
HD3SS3220RNHTG4 TI2-HD3SS3220RNHTG4 Datasheet
1Mb / 48P
HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
REVISED JULY 2025
HD3SS3220RNHTG4.A TI2-HD3SS3220RNHTG4.A Datasheet
1Mb / 48P
HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
REVISED JULY 2025
More results

Similar Description - HD3SS3220RNHT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB542 TI1-TUSB542 Datasheet
1Mb / 23P
USB Type-C 5 Gbps Redriver 2:1 MUX
HD3SS3220 TI1-HD3SS3220_15 Datasheet
1,003Kb / 43P
HD3SS3220 USB Type-C DRP Port Controller with SuperSpeed 2:1 MUX
logo
Pericom Semiconductor C...
PI3USB304 PERICOM-PI3USB304 Datasheet
1Mb / 9P
3.3V USB 3.0 SuperSpeed Dual 2:1 Mux/DeMux Switch with Enable
logo
Cypress Semiconductor
CCG2 CYPRESS-CCG2 Datasheet
2Mb / 33P
USB Type-C Port Controller
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
logo
Kinetic Technologies.
MCDP9000 KINETIC-MCDP9000 Datasheet
181Kb / 5P
USB Type-C Port Controller
June 2022 - Revision 04c
logo
ON Semiconductor
FUSB15200 ONSEMI-FUSB15200 Datasheet
264Kb / 23P
Dual Port USB Type-C & PD Controller for Sink and DRP Applications
March, 2022 - Rev. 0
logo
Silicon Mitus, Inc.
SM5514B SILICONMITUS-SM5514B Datasheet
626Kb / 2P
USB Type-C Port Protection IC with 2:1 MUX High-Speed Switch
March 2019 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com