Electronic Components Datasheet Search
  English  ▼

X  

C164CM Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # C164CM
Description  16-Bit Single-Chip Microcontrol ler
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CM Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button C164CM Datasheet HTML 38Page - Infineon Technologies AG C164CM Datasheet HTML 39Page - Infineon Technologies AG C164CM Datasheet HTML 40Page - Infineon Technologies AG C164CM Datasheet HTML 41Page - Infineon Technologies AG C164CM Datasheet HTML 42Page - Infineon Technologies AG C164CM Datasheet HTML 43Page - Infineon Technologies AG C164CM Datasheet HTML 44Page - Infineon Technologies AG C164CM Datasheet HTML 45Page - Infineon Technologies AG C164CM Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 68 page
background image
C164CM
C164SM
Data Sheet
38
V1.0, 2001-05
S0RIC
b FF6EH
B7H
Serial Channel 0 Receive Interrupt
Control Register
0000H
S0TBIC
b F19CH
E CEH
Serial Channel 0 Transmit Buffer
Interrupt Control Register
0000H
S0TBUF
FEB0H
58H
Serial Channel 0 Transmit Buffer Reg.
(write only)
0000H
S0TIC
b FF6CH
B6H
Serial Channel 0 Transmit Interrupt
Control Register
0000H
SP
FE12H
09H
CPU System Stack Pointer Register
FC00H
SSCBR
F0B4H
E 5AH
SSC Baudrate Register
0000H
SSCCON
b FFB2H
D9H
SSC Control Register
0000H
SSCEIC
b FF76H
BBH
SSC Error Interrupt Control Register
0000H
SSCRB
F0B2H
E 59H
SSC Receive Buffer
XXXXH
SSCRIC
b FF74H
BAH
SSC Receive Interrupt Control Register
0000H
SSCTB
F0B0H
E 58H
SSC Transmit Buffer
0000H
SSCTIC
b FF72H
B9H
SSC Transmit Interrupt Control Register
0000H
STKOV
FE14H
0AH
CPU Stack Overflow Pointer Register
FA00H
STKUN
FE16H
0BH
CPU Stack Underflow Pointer Register
FC00H
SYSCON
b FF12H
89H
CPU System Configuration Register
1)0xx0
H
SYSCON1 b F1DCH E EEH
CPU System Configuration Register 1
0000H
SYSCON2 b F1D0H
E E8H
CPU System Configuration Register 2
0000H
SYSCON3 b F1D4H
E EAH
CPU System Configuration Register 3
0000H
T12IC
b F190H
E C8H
CAPCOM 6 Timer 12 Interrupt Ctrl. Reg.
0000H
T12OF
F034H
E 1AH
CAPCOM 6 Timer 12 Offset Register
0000H
T12P
F030H
E 18H
CAPCOM 6 Timer 12 Period Register
0000H
T13IC
b F198H
E CCH
CAPCOM 6 Timer 13 Interrupt Ctrl. Reg.
0000H
T13P
F032H
E 19H
CAPCOM 6 Timer 13 Period Register
0000H
T14
F0D2H
E 69H
RTC Timer 14 Register
no
T14REL
F0D0H
E 68H
RTC Timer 14 Reload Register
no
T2
FE40H
20H
GPT1 Timer 2 Register
0000H
T2CON
b FF40H
A0H
GPT1 Timer 2 Control Register
0000H
Table 7
C164CM Registers, Ordered by Name (cont’d)
Name
Physical
Address
8-Bit
Addr.
Description
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com