Electronic Components Datasheet Search
  English  ▼

X  

C164CM Datasheet(PDF) 24 Page - Infineon Technologies AG

Part # C164CM
Description  16-Bit Single-Chip Microcontrol ler
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CM Datasheet(HTML) 24 Page - Infineon Technologies AG

Back Button C164CM Datasheet HTML 20Page - Infineon Technologies AG C164CM Datasheet HTML 21Page - Infineon Technologies AG C164CM Datasheet HTML 22Page - Infineon Technologies AG C164CM Datasheet HTML 23Page - Infineon Technologies AG C164CM Datasheet HTML 24Page - Infineon Technologies AG C164CM Datasheet HTML 25Page - Infineon Technologies AG C164CM Datasheet HTML 26Page - Infineon Technologies AG C164CM Datasheet HTML 27Page - Infineon Technologies AG C164CM Datasheet HTML 28Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
C164CM
C164SM
Data Sheet
20
V1.0, 2001-05
The Capture/Compare Unit CAPCOM2
The general purpose CAPCOM2 unit supports generation and control of timing
sequences on up to 12 channels with a maximum resolution of 16 TCL. The CAPCOM
units are typically used to handle high speed I/O tasks such as pulse and waveform
generation, pulse width modulation (PMW), Digital to Analog (D/A) conversion, software
timing, or time recording relative to external events.
Two 16-bit timers (T7/T8) with reload registers provide two independent time bases for
the capture/compare register array.
Each dual purpose capture/compare register, which may be individually allocated to
either CAPCOM timer and programmed for capture or compare function, has one port
pin associated with it which serves as an input pin for triggering the capture function, or
as an output pin to indicate the occurrence of a compare event.
When a capture/compare register has been selected for capture mode, the current
contents of the allocated timer will be latched (‘capture’d) into the capture/compare
register in response to an external event at the port pin which is associated with this
register. In addition, a specific interrupt request for this capture/compare register is
generated. Either a positive, a negative, or both a positive and a negative external signal
transition at the pin can be selected as the triggering event. The contents of all registers
which have been selected for one of the five compare modes are continuously compared
with the contents of the allocated timers. When a match occurs between the timer value
and the value in a capture/compare register, specific actions will be taken based on the
selected compare mode.
Table 5
Compare Modes (CAPCOM)
Compare Modes
Function
Mode 0
Interrupt-only compare mode;
several compare interrupts per timer period are possible
Mode 1
Pin toggles on each compare match;
several compare events per timer period are possible
Mode 2
Interrupt-only compare mode;
only one compare interrupt per timer period is generated
Mode 3
Pin set ‘1’ on match; pin reset ‘0’ on compare time overflow;
only one compare event per timer period is generated
Double
Register Mode
Two registers operate on one pin; pin toggles on each compare
match;
several compare events per timer period are possible.
Registers CC16 & CC24
© pin CC16IO
Registers CC17 & CC25
© pin CC17IO
Registers CC18 & CC26
© pin CC18IO
Registers CC19 & CC27
© pin CC19IO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com