Electronic Components Datasheet Search
  English  ▼

X  

C164CM Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # C164CM
Description  16-Bit Single-Chip Microcontrol ler
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C164CM Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button C164CM Datasheet HTML 42Page - Infineon Technologies AG C164CM Datasheet HTML 43Page - Infineon Technologies AG C164CM Datasheet HTML 44Page - Infineon Technologies AG C164CM Datasheet HTML 45Page - Infineon Technologies AG C164CM Datasheet HTML 46Page - Infineon Technologies AG C164CM Datasheet HTML 47Page - Infineon Technologies AG C164CM Datasheet HTML 48Page - Infineon Technologies AG C164CM Datasheet HTML 49Page - Infineon Technologies AG C164CM Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
C164CM
C164SM
Data Sheet
42
V1.0, 2001-05
Parameter Interpretation
The parameters listed in the following partly represent the characteristics of the C164CM
and partly its demands on the system. To aid in interpreting the parameters right, when
evaluating them for a design, they are marked in column “Symbol”:
CC (Controller Characteristics):
The logic of the C164CM will provide signals with the respective characteristics.
SR (System Requirement):
The external system must provide signals with the respective characteristics to the
C164CM.
DC Characteristics
(Operating Conditions apply)1)
Parameter
Symbol
Limit Values
Unit Test Conditions
min.
max.
Input low voltage (TTL,
all except XTAL1)
VIL
SR -0.5
0.2
VDD
- 0.1
V
–
Input low voltage XTAL1
VIL2 SR -0.5
0.3
VDD V
–
Input high voltage (TTL,
all except RSTIN, XTAL1)
VIH
SR 0.2
VDD
+ 0.9
VDD +
0.5
V
–
Input high voltage RSTIN
(when operated as input)
VIH1 SR 0.6 VDD VDD +
0.5
V
–
Input high voltage XTAL1
VIH2 SR 0.7 VDD VDD +
0.5
V
–
Output low voltage2)
VOL CC –
1.0
V
IOL ≤ IOLmax
3)
–
0.45
V
IOL ≤ IOLnom
3)4)
Output high voltage5)
VOH CC VDD -
1.0
–
V
IOH ≥ IOHmax
3)
VDD -
0.45
–
V
IOH ≥ IOHnom
3)4)
Input leakage current (Port 5)
IOZ1 CC –
±200
nA
0 V <
VIN < VDD
Input leakage current (all other)
IOZ2 CC –
±500
nA
0.45 V <
VIN <
VDD
RSTIN inactive current6)
IRSTH
7)
–
-10
µA
VIN = VIH1
RSTIN active current6)
IRSTL
8)
-100
–
µA
VIN = VIL
RD/WR inact. current9)
IRWH
7)
–
-40
µA
VOUT = 2.4 V
RD/WR active current9)
IRWL
8)
-500
–
µA
VOUT = VOLmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com